Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N70-TC4 Datasheet (PDF) - Unisonic Technologies

4N70-TC4 Datasheet PDF - Unisonic Technologies
Part # 4N70-TC4
Download  4N70-TC4 Download
File Size   698.44 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4A, 700V N-CHANNEL POWER MOSFET

4N70-TC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N70-TC4 Datasheet PDF - Unisonic Technologies

Part # 4N70-TC4
Download  4N70-TC4 Click to download

File Size   698.44 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4A, 700V N-CHANNEL POWER MOSFET

4N70-TC4 Datasheet (HTML) - Unisonic Technologies


4N70-TC4 Product details

 DESCRIPTION
The UTC 4N70-TC4 is a N-channel mode power MOSFET
using UTC’s advanced technology to provide customers with
planar stripe and DMOS technology. This technology allows a
minimum on-state resistance and superior switching performance.
It also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 4N70-TC4 is generally applied in high efficiency
switch mode power supplies.

 FEATURES
* RDS(ON) ≤ 3.5Ω @ VGS=10V, ID=2.0A
* High Switching Speed




Similar Part No. - 4N70-TC4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N70-C UTC-4N70-C Datasheet
222Kb / 6P
N-CHANNEL POWER MOSFET
4N70-E UTC-4N70-E Datasheet
282Kb / 6P
N-CHANNEL POWER MOSFET
4N70-R UTC-4N70-R Datasheet
216Kb / 6P
N-CHANNEL POWER MOSFET
4N70-S UTC-4N70-S Datasheet
228Kb / 6P
N-CHANNEL POWER MOSFET
More results


Similar Description - 4N70-TC4

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
700V N-Channel Power MOSFET
logo
HY ELECTRONIC CORP.
HY4N70D HY-HY4N70D Datasheet
153Kb / 4P
700V / 4A N-Channel Enhancement Mode MOSFET
HY4N70T HY-HY4N70T Datasheet
174Kb / 4P
700V / 4A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
700V N-Channel Power MOSFET
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
700V N-Channel Power MOSFET
logo
E-CMOS Corporation
EC744N70 E-CMOS-EC744N70 Datasheet
468Kb / 5P
700V,4A N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com