Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74CB3Q3305 Datasheet (PDF) - Unisonic Technologies

U74CB3Q3305 Datasheet PDF - Unisonic Technologies
Part # U74CB3Q3305
Download  U74CB3Q3305 Download
File Size   254.97 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL FET BUS SWITCH 2.5V OR 3.3V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH

U74CB3Q3305 Datasheet (PDF)

Go To PDF Page Download Datasheet
U74CB3Q3305 Datasheet PDF - Unisonic Technologies

Part # U74CB3Q3305
Download  U74CB3Q3305 Click to download

File Size   254.97 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL FET BUS SWITCH 2.5V OR 3.3V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH

U74CB3Q3305 Datasheet (HTML) - Unisonic Technologies


U74CB3Q3305 Product details

 DESCRIPTION
The U74CB3Q3305 device is a high-bandwidth FET bus switch
using a charge pump to elevate the gate voltage of the pass
transistor, providing a low and flat ON-state resistance (RON). The
low and flat ON-state resistance allows for minimal propagation
delay and supports switching input voltage beyond the supply on the
data input/output (I/O) ports. The device also features low data I/O
capacitance to minimize capacitive loading and signal distortion on
the data bus. Specifically designed to support high-bandwidth
applications, the U74CB3Q3305 device provides an optimized
interface solution ideally suited for broadband communications,
networking, and data-intensive computing systems.
This device is fully specified for partial-power-down applications
using IOFF. The IOFF circuitry prevents damaging current backflow
through the device when it is powered down. The device has
isolation during power off
To ensure the high-impedance state during power up or power
down, OE should be tied to GND through a pull down resistor; the
minimum value of the resistor is determined by the current-sourcing
capability of the driver.

 FEATURES
* Operation Voltage Range: 2.3 ~ 3.6V
* Low power consumption, 0.25mA Typ. ICC
* High-bandwidth data path (up to 500 MHz)
* 5V tolerant I/Os with device powered up or powered down
* Low and flat ON-state resistance (ron) characteristics over operating range (Ron = 3.5Ω typical)
* Supports input voltage beyond supply on data I/O ports
0 to 5V switching with 3.3V VCC
0 to 3.3V switching with 2.5V VCC
* Data I/Os support 0 to 5 V signaling levels (0.8V, 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, and 5V)
* Control inputs can be driven by TTL or 5V/3.3V CMOS outputs
* IOFF supports partial-power-down mode operation




Similar Part No. - U74CB3Q3305

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CB3Q3257 UTC-U74CB3Q3257 Datasheet
230Kb / 9P
4-BIT 1 OF 2 FET MULTIPLEXER/DEMULTIPLEXER 2.5V-/3.3V LOW-VOLTAGE HIGH BANDWIDTH BUS SWITCH
U74CB3Q3257L-P16-R UTC-U74CB3Q3257L-P16-R Datasheet
230Kb / 9P
4-BIT 1 OF 2 FET MULTIPLEXER/DEMULTIPLEXER 2.5V-/3.3V LOW-VOLTAGE HIGH BANDWIDTH BUS SWITCH
More results


Similar Description - U74CB3Q3305

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q6800 TI-SN74CB3Q6800 Datasheet
190Kb / 11P
10 BIT FET BUS SWITCH WITH PRECHAGED OUTPUTS 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI-SN74CB3Q3345 Datasheet
225Kb / 11P
8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3244 TI-SN74CB3Q3244 Datasheet
559Kb / 17P
8 BIT FET BUS SWITCH 2.5V/3.3 V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Integrated Device Techn...
IDTQS32XVH245 IDT-IDTQS32XVH245 Datasheet
83Kb / 8P
2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
logo
Texas Instruments
SN74CB3Q16211 TI-SN74CB3Q16211 Datasheet
274Kb / 12P
24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
logo
Integrated Device Techn...
IDTQS32XVH384 IDT-IDTQS32XVH384_11 Datasheet
270Kb / 8P
2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH2245 IDT-IDTQS32XVH2245_11 Datasheet
268Kb / 8P
2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com