Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UD36241 Datasheet (PDF) - Unisonic Technologies

UD36241 Datasheet PDF - Unisonic Technologies
Part # UD36241
Download  UD36241 Download
File Size   207.22 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2.4A, 36V, 100KHZ ASYNCHRONOUS STEP-DOWN CONVERTER WITH LOAD LINE COMPENSATION

UD36241 Datasheet (PDF)

Go To PDF Page Download Datasheet
UD36241 Datasheet PDF - Unisonic Technologies

Part # UD36241
Download  UD36241 Click to download

File Size   207.22 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2.4A, 36V, 100KHZ ASYNCHRONOUS STEP-DOWN CONVERTER WITH LOAD LINE COMPENSATION

UD36241 Datasheet (HTML) - Unisonic Technologies


UD36241 Product details

 DESCRIPTION
UD36241 is a high-efficiency, monolithic asynchronous
stepdown DC/DC converter that can deliver up to 2.4A output
current from a 9V to 36V input supply. The UD36241’s current
mode architecture with internal compensation is optimized for 5V
car charger application over a wide range of loads and output
capacitors. Cycle-by-cycle current limit provides protection against
shorted outputs and soft-start eliminates input current surge during
start-up. The UD36241 also provides output over voltage protection
output under voltage protection and thermal shutdown protection.
The low current (<10mA) shutdown mode provides output
disconnect, enabling easy power management in battery-powered
systems.

 FEATURES
HSOP-8
* 9V to 36V Input Voltage Range.
* 2.4A Continuous Output Current (2.7A Peak).
* CC/CV Mode Control
* Adjustable Load Line Compensation
* Integrated N-MOSFET Switches
* Current Mode Control
* Fixed Frequency Operation : 100kHz
* Programmable Output Current Limit
* 200mΩ Internal Power MOSFET Switch
* Lowe EMI signature
* Cycle-by-Cycle Over Current Protection
* Input Under Voltage Lockout
* Thermal Shutdown Protection




Similar Part No. - UD36241

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD36061G-AG6-R UTC-UD36061G-AG6-R Datasheet
198Kb / 6P
Internally Compensated
More results


Similar Description - UD36241

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
RT2808A RICHTEK-RT2808A Datasheet
371Kb / 15P
3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
logo
Monolithic Power System...
MP2494 MPS-MP2494 Datasheet
427Kb / 11P
2A, 55V, 100kHz Step-Down Converter
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
logo
E-CMOS Corporation
EC3278 E-CMOS-EC3278 Datasheet
966Kb / 11P
2.4A/32V Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
MP2499M MPS-MP2499M Datasheet
1Mb / 18P
36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
logo
TECHCODE SEMICONDUCTOR,...
TD2778 TECHCODE-TD2778 Datasheet
906Kb / 13P
2.4A 32V Synchronous Rectified Step-Down Converter
logo
Microsemi Corporation
LX7167 MICROSEMI-LX7167 Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com