Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT20N04 Datasheet (PDF) - Unisonic Technologies

UTT20N04 Datasheet PDF - Unisonic Technologies
Part # UTT20N04
Download  UTT20N04 Download
File Size   446.1 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20A, 40V N-CHANNEL ENHANCEMENT MODE

UTT20N04 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT20N04 Datasheet PDF - Unisonic Technologies

Part # UTT20N04
Download  UTT20N04 Click to download

File Size   446.1 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20A, 40V N-CHANNEL ENHANCEMENT MODE

UTT20N04 Datasheet (HTML) - Unisonic Technologies


UTT20N04 Product details

 DESCRIPTION
The UTT20N04 uses UTC’s advanced trench technology to
provide excellent RDS(ON), low gate charge and operation with low
gate voltages. This device is suitable for use as a load switch or
in PWM applications.

 FEATURES
* RDS(ON) ≤ 33 mΩ @ VGS=10V, ID=10A
RDS(ON) ≤ 60 mΩ @ VGS=4.5V, ID=10A
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified




Similar Part No. - UTT20N04

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT20N06 UTC-UTT20N06 Datasheet
154Kb / 3P
20A, 60V N-CHANNEL POWER MOSFET
UTT20N06G-TA3-T UTC-UTT20N06G-TA3-T Datasheet
154Kb / 3P
20A, 60V N-CHANNEL POWER MOSFET
UTT20N06G-TN3-R UTC-UTT20N06G-TN3-R Datasheet
154Kb / 3P
20A, 60V N-CHANNEL POWER MOSFET
UTT20N06G-TN3-T UTC-UTT20N06G-TN3-T Datasheet
154Kb / 3P
20A, 60V N-CHANNEL POWER MOSFET
UTT20N06G-TQ2-R UTC-UTT20N06G-TQ2-R Datasheet
154Kb / 3P
20A, 60V N-CHANNEL POWER MOSFET
More results


Similar Description - UTT20N04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com