Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL710 Datasheet (PDF) - 3PEAK INC.

TPL710 Datasheet PDF - 3PEAK INC.
Part # TPL710
Download  TPL710 Download
File Size   1018.2 Kbytes
Page   21 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 200 mA output, 1 µA Ultra-Low Quiescent Current LDO

TPL710 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL710 Datasheet PDF - 3PEAK INC.

Part # TPL710
Download  TPL710 Click to download

File Size   1018.2 Kbytes
Page   21 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 200 mA output, 1 µA Ultra-Low Quiescent Current LDO

TPL710 Datasheet (HTML) - 3PEAK INC.


TPL710 Product details

Features
 Typical 1.4 µA Ultra-low Quiescent Current
 Input Voltage Range: 2.4 V to 6 V
 Output Voltage Options:
− Fixed: 1 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 2.8 V, 3
V, 3.3 V, 3.6 V
 ±1% Output Voltage Accuracy under Room
Temperature
 Maximum Output Current: 200 mA
 Low Shutdown Current
 Low Dropout Voltage: 170 mV at 200 mA
 Current Limit and Thermal Protection
 Stable with 2.2 μF Ceramic Capacitor
 Active Output Discharge While Disable
 Soft-start Limits Input Current Surge During
Enable
 Junction Temperature Range: −40°C to +125°C
 Packages: SOT23-3, SOT23-5, and DFN1x1-4

Applications
 Handheld Devices with Battery Power Supply
 Portable Devices with Battery Power Supply
 Wearable Application, Bluetooth Headsets
 Wireless and IoT modules
 Personal Electronics, Personal Healthcare

Description
The TPL710 series products are CMOS process low
Iq linear regulators with enable control function. The
TPL710 series products support a maximum 200mA
output current, with typically only a 1.4-µA ultra-low
quiescent current. TPL710 series products are stable
with low-ESR small ceramic output capacitors from
2.2 μF to 10 μF.
The TPL710 series products have fast response
performance when the load current dynamic drops or
raises, especially for the load-current dynamic from
some heavy load. The TPL710 series products have
a current limit and thermal protection, which improves
TPL710 series products with high reliability.
The TPL710 series products have a fixed output
voltage range from 1 V to 3.6 V with ±1% output
voltage accuracy, line regulation, and load regulation
under room temperature. The TPL710 series
products are guaranteed over the junction
temperature range of −40°C to +125°C. The TPL710
series products are available in the SOT23-3
package, SOT23-5 package, and DFN1x1-4 package




Similar Part No. - TPL710

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPL720 3PEAK-TPL720 Datasheet
1Mb / 22P
400-mA Output,1-μA Ultra-Low Quiescent Current LDO
2024-12-16
TPL720F12-5TR 3PEAK-TPL720F12-5TR Datasheet
1Mb / 22P
400-mA Output,1-μA Ultra-Low Quiescent Current LDO
2024-12-16
TPL720F18-3TR 3PEAK-TPL720F18-3TR Datasheet
1Mb / 22P
400-mA Output,1-μA Ultra-Low Quiescent Current LDO
2024-12-16
TPL720F18-5TR 3PEAK-TPL720F18-5TR Datasheet
1Mb / 22P
400-mA Output,1-μA Ultra-Low Quiescent Current LDO
2024-12-16
TPL720F28-3TR 3PEAK-TPL720F28-3TR Datasheet
1Mb / 22P
400-mA Output,1-μA Ultra-Low Quiescent Current LDO
2024-12-16
More results


Similar Description - TPL710

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 - Rev. 0
logo
STMicroelectronics
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
200 mA low quiescent current very low noise LDO
from
logo
ON Semiconductor
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
STMicroelectronics
LDK220 STMICROELECTRONICS-LDK220 Datasheet
1Mb / 28P
200 mA low quiescent current and low noise LDO
October 2016 Rev 4
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
200 mA ultra-low quiescent current LDO
Jun-2019
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com