Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2438 Datasheet (PDF) - Analog Devices

AD2438 Datasheet PDF - Analog Devices
Part # AD2438
Download  AD2438 Download
File Size   169.03 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive Audio Bus (A2B) Transceiver

AD2438 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD2438 Datasheet PDF - Analog Devices

Part # AD2438
Download  AD2438 Click to download

File Size   169.03 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive Audio Bus (A2B) Transceiver

AD2438 Datasheet (HTML) - Analog Devices


AD2438 Product details

A2B BUS FEATURES
Line topology
Single main node, up to 16 subordinate nodes
Up to 15 m between nodes and up to 80 m overall cable
length
Communication over distance
Synchronous data
Multichannel I2S/TDM to I2S/TDM
Clock synchronous, phase-aligned in all nodes
Low latency subordinate-to-subordinate
communication
Control and status information I2C to I2C
GPIO over distance
Bus power or local power subordinate nodes
Configurable with SigmaStudio+ graphical software tool
AEC-Q100 qualified for automotive applications
BASELINE A2B TRANSCEIVER FEATURES
Configurable as A2B main or last subordinate nodes
Programmable via I2C interface
8-bit to 32-bit multichannel I2S/TDM interface
I2S/TDM/PDM programmable data rate
I2C mailbox
PDM inputs for 4 high dynamic range microphones on main
or subordinate nodes
Support for receiving I2S/TDM data on nodes with up to
4 PDM microphones
Unique ID register for each transceiver
Support for crossover or straight-through cabling
Programmable settings to optimize EMC performance
AD2430/AD2438 TRANSCEIVER ENHANCEMENTS
Cable diagnostics with integrated line power switches
Supports 3.3 V input at VIN in low voltage input (LVI) mode
for local powered subordinate node
Dedicated hardware reset pin
I2S/TDM crossbar switch
Flexible mapping of Tx/Rx TDM channel data to A2B slots
Support for I2C fast mode plus (1 MHz)
Support for in-cabin LED control using 4 PWM outputs
8 GPIO pins with configurable pin mapping
AUTOMOTIVE APPLICATIONS
Hands free/speech recognition
Microphone arrays
In-car telematics and emergency call systems
Overhead consoles
In-car communications




Similar Part No. - AD2438

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2431 AD-AD2431 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
AD2432 AD-AD2432 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
AD2433 AD-AD2433 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
AD2435 AD-AD2435 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
More results


Similar Description - AD2438

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Texas Instruments
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
logo
Analog Devices
AD2401 AD-AD2401 Datasheet
206Kb / 2P
Automotive Audio Bus Transceiver
AD2421W AD-AD2421W Datasheet
193Kb / 2P
Automotive Audio Bus A2B Transceiver
AD2426W AD-AD2426W Datasheet
161Kb / 2P
Automotive Audio Bus A2B Transceiver
AD2420 AD-AD2420 Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
1/2020-Rev. A to Rev. B
logo
TDK Electronics
MPZ2012-J TDK-MPZ2012-J Datasheet
171Kb / 4P
Chip beads For A2B
logo
Analog Devices
AD2420 AD-AD2420_V01 Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
Rev. C
AD2420 AD-AD2420_V02 Datasheet
1Mb / 38P
Automotive Audio Bus (A2B) Transceiver
Rev. D
AD2431 AD-AD2431 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com