Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL8101ACPZN Datasheet (PDF) - Analog Devices

ADL8101ACPZN Datasheet PDF - Analog Devices
Part # ADL8101ACPZN
Download  ADL8101ACPZN Download
File Size   2440.27 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier

ADL8101ACPZN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8101ACPZN Datasheet PDF - Analog Devices

Part # ADL8101ACPZN
Download  ADL8101ACPZN Click to download

File Size   2440.27 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier

ADL8101ACPZN Datasheet (HTML) - Analog Devices


ADL8101ACPZN Product details

FEATURES
► Wideband operation: 10 kHz to 22 GHz
► Single positive supply (self biased) typical: 5 V and 90 mA
► RBIAS drain current adjustment pin
► Gain: 14 dB typical from 10 kHz to 16 GHz
► Noise figure: 3.5 dB typical from 10 kHz to 16 GHz
► Extended operating temperature range: −55°C to +125°C
► RoHS-compliant, 2 mm × 2 mm, 8-lead lead frame chip scale
package [LFCSP]
APPLICATIONS
► Telecommunications
► Instrumentation
► Radar
► Electronic warfare




Similar Part No. - ADL8101ACPZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVAL1Z AD-ADL8100-EVAL1Z Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVALZ AD-ADL8100-EVALZ Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN AD-ADL8100ACPZN Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN-R7 AD-ADL8100ACPZN-R7 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results


Similar Description - ADL8101ACPZN

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ST-4 MICRONETICS-ST-4 Datasheet
227Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
ST-2A MICRONETICS-ST-2A Datasheet
227Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
ST-2 MICRONETICS-ST-2 Datasheet
40Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
logo
TriQuint Semiconductor
QPA2628 TRIQUINT-QPA2628 Datasheet
1Mb / 14P
22 ??32 GHz GaAs Low Noise Amplifier
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
logo
Qorvo, Inc
TGA2227-SM QORVO-TGA2227-SM Datasheet
900Kb / 17P
2 ??22 GHz GaN Low Noise Amplifier
QPA2628 QORVO-QPA2628 Datasheet
1Mb / 15P
22 – 31.5 GHz GaAs Low Noise Amplifier
August 2020
logo
Teledyne Technologies I...
TDLNA2626SEP TELEDYNE-TDLNA2626SEP Datasheet
1Mb / 10P
17-22 GHz Low Noise Amplifier
06-2023 Rev 0.7a
logo
Analog Devices
ADL8102 AD-ADL8102 Datasheet
1Mb / 23P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com