Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPQ051006-DFOR Datasheet (PDF) - 3PEAK INC.

TPQ051006-DFOR Datasheet PDF - 3PEAK INC.
Part # TPQ051006-DFOR
Download  TPQ051006-DFOR Download
File Size   1194.93 Kbytes
Page   22 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 0.9-V to 5.5-V VIN, 600-mA Synchronous Step-up Regulator

TPQ051006-DFOR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPQ051006-DFOR Datasheet PDF - 3PEAK INC.

Part # TPQ051006-DFOR
Download  TPQ051006-DFOR Click to download

File Size   1194.93 Kbytes
Page   22 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 0.9-V to 5.5-V VIN, 600-mA Synchronous Step-up Regulator

TPQ051006-DFOR Datasheet (HTML) - 3PEAK INC.


TPQ051006-DFOR Product details

Features
• 260-nA Ultra-Low IQ into the VOUT Pin
• 40-nA Ultra-Low IQ into the VIN Pin
• Operating Input Voltage from 0.9 V to 5.5 V
• Adjustable Output Voltage from 2.5 V to 5.5 V
• Fixed Output Voltage Versions Available
• Typical 0.8-A Switch Peak Current Limit
• Regulated Output Voltage in the Down Mode
• True Disconnection During Shutdown
• Up to 80% Efficiency at 10-μA Load with Fixed Output
Voltage Versions
• Up to 96% Efficiency from 10-mA to 300-mA Load
• WLCSP-6, DFN2X2-6 packages

Applications
• Battery-Powered Devices
• Battery-Powered Wearable Applications
• Fiber Optical Modules
• Internet of Things Devices
• Battery-Powered Water/Gas Meters

Description
The TPQ05100x series of products are synchronous
boost converters with less than 260-nA ultra-low quiescent
current. The device has an ultra-low under-voltage lockout threshold to support different kinds of battery voltages
as low as 0.9 V. The ultra-low 260-nA quiescent current
increases light load efficiency and thus increases battery
life.
The TPQ05100x series of products have various voltage
options to support fixed output voltage ranging from 2.5 V
to 5 V, and adjustable output voltage ranging from 2.5 V to
5.5 V. The device has a true-shutdown feature that avoids
leakage current during the shutdown mode to further save
system level quiescent current.
The TPQ05100x series provides the down mode and the
pass-through mode to support different scenarios. In the
down mode, the device can still regulate output voltage to
a desired level. In the pass-through mode, the TPQ05100x
devices work as switches that the output voltage follows
input voltage.
The TPQ05100x provides both adjustable voltage version
and fixed voltage version with DFN2X2-6 and WLCSP-6
packages.




Similar Part No. - TPQ051006-DFOR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPQ2221 ETC1-TPQ2221 Datasheet
320Kb / 5P
SERIES TPQ QUAD TRANSISTOR ARRAYS
TPQ2221A ETC1-TPQ2221A Datasheet
320Kb / 5P
SERIES TPQ QUAD TRANSISTOR ARRAYS
TPQ2222 ETC1-TPQ2222 Datasheet
320Kb / 5P
SERIES TPQ QUAD TRANSISTOR ARRAYS
TPQ2222A ETC1-TPQ2222A Datasheet
320Kb / 5P
SERIES TPQ QUAD TRANSISTOR ARRAYS
TPQ2483 ETC1-TPQ2483 Datasheet
320Kb / 5P
SERIES TPQ QUAD TRANSISTOR ARRAYS
More results


Similar Description - TPQ051006-DFOR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA104V1 STMICROELECTRONICS-STEVAL-ISA104V1 Datasheet
249Kb / 4P
Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V) based on the ST1S14
06-Aug-2012
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
logo
Texas Instruments
TPS560430 TI1-TPS560430 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430 TI1-TPS560430_17 Datasheet
122Kb / 6P
4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430 TI1-TPS560430_18 Datasheet
1Mb / 31P
SIMPLE SWITCHER 4-V to 36-V, 600-mA Synchronous Step-Down Converter
TPS560430-Q1 TI1-TPS560430-Q1 Datasheet
735Kb / 31P
SIMPLE SWITCHER 4-V to 36-V, 600-mA synchronous step-down converter
logo
Rohm
BD9S000NUX-C ROHM-BD9S000NUX-C Datasheet
2Mb / 40P
2.7 V to 5.5 V Input, 600 mA Single Synchronous Buck DC/DC Converter for Automotive
logo
Texas Instruments
TPS62843 TI-TPS62843 Datasheet
914Kb / 21P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small Size Step-Down Converters
JANUARY 2022
logo
Rohm
BD9SD11NUX-C ROHM-BD9SD11NUX-C Datasheet
1Mb / 32P
2.7 V to 5.5 V Input, 600 mA Single Synchronous Buck DC/DC Converter for Automotive
25.Feb.2020 Rev.001
logo
Texas Instruments
TPS62843 TI-TPS62843_V01 Datasheet
1Mb / 28P
TPS62843 1.8-V to 5.5-V, 600-mA, 275-nA IQ, Small-Size Step-Down Converters
REVISED MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com