Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FF600R12KT4 Datasheet (PDF) - Infineon Technologies AG

FF600R12KT4 Datasheet PDF - Infineon Technologies AG
Part # FF600R12KT4
Download  FF600R12KT4 Download
File Size   493.99 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 62 mm C-Series module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode

FF600R12KT4 Datasheet (PDF)

Go To PDF Page Download Datasheet
FF600R12KT4 Datasheet PDF - Infineon Technologies AG

Part # FF600R12KT4
Download  FF600R12KT4 Click to download

File Size   493.99 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 62 mm C-Series module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode

FF600R12KT4 Datasheet (HTML) - Infineon Technologies AG


FF600R12KT4 Product details

Features
• Electrical features
- VCES = 1200 V
- IC nom = 600 A / ICRM = 1200 A
- Unbeatable robustness
- Extended operating temperature Tvj op
- Low switching losses
- Low VCEsat
- VCEsat with positive temperature coefficient
• Mechanical features
- 4 kV AC 1 min insulation
- Package with CTI > 400
- High creepage and clearance distances
- High power density
- Isolated base plate
- Standard housing




Similar Part No. - FF600R12KT4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FF600R12KE3 EUPEC-FF600R12KE3 Datasheet
147Kb / 9P
IGBT-Modules
logo
Infineon Technologies A...
FF600R12KE4 INFINEON-FF600R12KE4 Datasheet
609Kb / 9P
62mm C-Serien Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode
2016-08-08 revision:V2.2
FF600R12KE4P INFINEON-FF600R12KE4P Datasheet
573Kb / 9P
62mm C-Serien Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und bereits aufgetragenem Thermal Interface Material
V2.1 2019-10-10
FF600R12KE4_E INFINEON-FF600R12KE4_E Datasheet
608Kb / 9P
62mm C-Serien Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode
2016-06-14 revision:V2.0
FF600R12KE7 INFINEON-FF600R12KE7 Datasheet
663Kb / 15P
62 mm C-Series module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode
Revision 1.00 2023-05-26
More results


Similar Description - FF600R12KT4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP35R12KT4_B15 INFINEON-FP35R12KT4_B15 Datasheet
575Kb / 12P
EconoPIM?? module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode
2009-09-02-rev 2.0
FP75R12KT4_B15 INFINEON-FP75R12KT4_B15 Datasheet
381Kb / 11P
EconoPIM?? module with trench/fieldstop IGBT4 and Emitter Controlled 4 diode
2008-12-02 rev 2.0
FF200R17KE4 INFINEON-FF200R17KE4 Datasheet
494Kb / 9P
62mm C-Series module with fast trench/fieldstop IGBT4 and Emitter Controlled 4 diode
2010-10-20 revision:2.2
FF450R12KE4 INFINEON-FF450R12KE4 Datasheet
280Kb / 8P
62mm C-series module with trench/fieldstop IGBT4 and Emitter Controlled diode
2008-11-13 revision:2.2
FF450R12KT4 INFINEON-FF450R12KT4 Datasheet
279Kb / 8P
62mm C-series module with fast trench/fieldstop IGBT4 and Emitter Controlled diode
2008-11-19 revision:2.3
FF900R12IP4 INFINEON-FF900R12IP4 Datasheet
1Mb / 9P
PrimePACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-13 revision:2.4
FP35R12W2T4_B11 INFINEON-FP35R12W2T4_B11 Datasheet
461Kb / 11P
EasyPIM2B module PressFIT with Trench/Fieldstop IGBT4 and Emitter Controlled 4 Diode
2008-06-25 revision:2.0
FZ825R33HE4D INFINEON-FZ825R33HE4D Datasheet
887Kb / 13P
IHM-B module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode
Datasheet 1.10 2021-03-16
FZ1600R33HE4 INFINEON-FZ1600R33HE4 Datasheet
957Kb / 13P
IHM-B module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode
datasheet 1.10 2021-04-13
FZ2400R33HE4 INFINEON-FZ2400R33HE4 Datasheet
807Kb / 12P
IHM-B module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode
datasheet 1.00 2021-03-25
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com