Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR900R12IP4D Datasheet (PDF) - Infineon Technologies AG

FR900R12IP4D Datasheet PDF - Infineon Technologies AG
Part # FR900R12IP4D
Download  FR900R12IP4D Download
File Size   836.68 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PrimePACK™3 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode

FR900R12IP4D Datasheet (PDF)

Go To PDF Page Download Datasheet
FR900R12IP4D Datasheet PDF - Infineon Technologies AG

Part # FR900R12IP4D
Download  FR900R12IP4D Click to download

File Size   836.68 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PrimePACK™3 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode

FR900R12IP4D Datasheet (HTML) - Infineon Technologies AG


FR900R12IP4D Product details

Electrical Features
• High short-circuit capability
• High current density
• Low VCEsat
• Tvj op = 150°C
• VCEsat with positive temperature coefficient
• Enlarged diode for regenerative operation

Mechanical Features
• 4 kV AC 1min insulation
• Package with CTI > 400
• High creepage and clearance distances
• High mechanical robustness
• High vibration resistance
• Integrated NTC temperature sensor
• RoHS compliant




Similar Part No. - FR900R12IP4D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
FR9024 IRF-FR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
logo
Guangdong Kexin Industr...
FR9024N KEXIN-FR9024N Datasheet
1Mb / 6P
P-Channel MOSFET
logo
International Rectifier
FR9024R IRF-FR9024R Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
More results


Similar Description - FR900R12IP4D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF1400R17IP4P INFINEON-FF1400R17IP4P Datasheet
631Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-07 revision:V2.0
FF1400R12IP4P INFINEON-FF1400R12IP4P Datasheet
643Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-30 revision:V3.1
FF1000R17IE4P INFINEON-FF1000R17IE4P Datasheet
620Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-08 revision:V3.1
FF1000R17IE4DP_B2 INFINEON-FF1000R17IE4DP_B2 Datasheet
627Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-29 revision:V2.0
FF900R12IP4P INFINEON-FF900R12IP4P Datasheet
641Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-30 revision:V2.0
FF900R12IE4P INFINEON-FF900R12IE4P Datasheet
641Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-31 revision:V2.0
FF650R17IE4P INFINEON-FF650R17IE4P Datasheet
617Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-17 revision:V2.0
FF650R17IE4DP_B2 INFINEON-FF650R17IE4DP_B2 Datasheet
621Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-29 revision:V2.0
FF900R12IE4V INFINEON-FF900R12IE4V Datasheet
1Mb / 9P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
2013-11-26 revision:2.0
FF900R12IE4VP INFINEON-FF900R12IE4VP Datasheet
640Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-08-23 revision:V3.0
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com