Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPS4053 Datasheet (PDF) - Nexperia B.V. All rights reserved

NPS4053 Datasheet PDF - Nexperia B.V. All rights reserved
Part # NPS4053
Download  NPS4053 Download
File Size   1468.35 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 5.5 V, 55 mΩ load switch with precision adjustable current limit

NPS4053 Datasheet (PDF)

Go To PDF Page Download Datasheet
NPS4053 Datasheet PDF - Nexperia B.V. All rights reserved

Part # NPS4053
Download  NPS4053 Click to download

File Size   1468.35 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 5.5 V, 55 mΩ load switch with precision adjustable current limit

NPS4053 Datasheet (HTML) - Nexperia B.V. All rights reserved


NPS4053 Product details

General description
The NPS4053 is a 5.5 V, 55 mΩ load switch with
precision adjustable current limit from 110 mA to 2.5 A.
The NPS4053 switch limits the output current to a
constant current by using a constant-current mode
when the output load exceeds the current limit
threshold or shorted. An internal voltage comparator
disables the load switch when the output voltage is
higher than the input to protect devices on the input
side of the switch. The FLG pin is an active low output
to indicate overcurrent, over temperature and reverse
voltage conditions.

Features and benefits
• Input operating voltage range (VIN): 2.5 V to 5.5 V
• Maximum continuous current (IMAX): 2 A
• ON resistance (RDS(on)):
• VIN = 5.5 V: 55 mΩ (typical)
• VIN = 3.6 V: 65 mΩ (typical)
• VIN = 2.5 V: 80 mΩ (typical)
• Adjustable current limit: 110 mA to 2.5 A
• ±6 % current limit accuracy at 1.2 A
• ILIM pin protection: can be shorted to ground or left
floating
• Constant current during current limit
• No body diode when disabled (no current path from
pin OUT to pin IN)
• Active reverse voltage protection
• Built in soft start
• UL 62368 recognition
• SOT457 (TSOP6) and SOT8044-1 (HWSON6)
package option
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2
exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C2a
exceeds 500 V
• IEC 61000-4-2 contact discharge 8000 V
• IEC 61000-4-2 air-gap discharge 15000 V
• Specified from -40 °C to +125 °C

Applications
• USB ports/hubs, laptops, docking station and
desktops
• Set top box
• HDTV
• Optical socket protection
• Current limiting circuits




Similar Part No. - NPS4053

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NPS4053-Q100 NEXPERIA-NPS4053-Q100 Datasheet
1Mb / 23P
5.5 V, 55 mΩ load switch with precision adjustable current limit
Rev. 2 - 20 October 2023
More results


Similar Description - NPS4053

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2213 FAIRCHILD-FPF2213 Datasheet
1Mb / 14P
Integrated Load Switch with Adjustable High Precision Current Limit
FPF2223 FAIRCHILD-FPF2223 Datasheet
1Mb / 14P
Integrated Load Switch with Adjustable High Precision Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
Precision Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2213 ONSEMI-FPF2213 Datasheet
833Kb / 15P
Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
FPF2223 ONSEMI-FPF2223 Datasheet
843Kb / 15P
Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6020 ETA-ETA6020 Datasheet
207Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
Precision Load Switch with Adjustable Current Limit
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com