Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431MFDT-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

TL431MFDT-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # TL431MFDT-Q
Download  TL431MFDT-Q Download
File Size   364.89 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Adjustable precision shunt regulators

TL431MFDT-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431MFDT-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # TL431MFDT-Q
Download  TL431MFDT-Q Click to download

File Size   364.89 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Adjustable precision shunt regulators

TL431MFDT-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


TL431MFDT-Q Product details

Features and benefits
• Programmable output voltage up to 36 V
• Three different reference voltage tolerances:
• • Standard grade: 2 %
• A-Grade: 1 %
• B-Grade: 0.5 %
• Typical temperature drift: 9 mV (in a range of 0 °C up to 70 °C)
• Low output noise
• Typical output impedance: 0.2 Ω
• Sink current capability: 1 mA to 100 mA
• Qualified according to AEC-Q100 (grade 1) and recommended for use in automotive
applications

Applications
• Shunt regulator
• Precision current limiter
• Precision constant current sink
• Isolated feedback loop for Switch Mode Power Supply (SMPS)




Similar Part No. - TL431MFDT-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431MFDT PHILIPS-TL431MFDT Datasheet
277Kb / 27P
Adjustable precision shunt regulator
Rev. 4-30 June 2011
TL431MFDT NXP-TL431MFDT Datasheet
277Kb / 27P
Adjustable precision shunt regulator
Rev. 4-30 June 2011
TL431MFDT NXP-TL431MFDT Datasheet
352Kb / 27P
Adjustable precision shunt regulator
Rev. 5 - 01 September 2015
More results


Similar Description - TL431MFDT-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com