Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMS1X1H Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

MMS1X1H Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # MMS1X1H
Download  MMS1X1H Download
File Size   447.25 Kbytes
Page   5 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description MMS1X1H Ultra-Low Power TMR Bipolar Switch

MMS1X1H Datasheet (PDF)

Go To PDF Page Download Datasheet
MMS1X1H Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # MMS1X1H
Download  MMS1X1H Click to download

File Size   447.25 Kbytes
Page   5 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description MMS1X1H Ultra-Low Power TMR Bipolar Switch

MMS1X1H Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


MMS1X1H Product details

Features and Benefits
 Tunneling Magnetoresistance (TMR) Technology
 Ultra Low Power Consumption at 1.5μA
 High Frequency Response up to 1kHz
 Bipolar Latching Operation
 Low Operate Points for High Sensitivity
 Compatible with a Wide Range of Supply Voltages
 Excellent Thermal Stability
 High Tolerance to External Magnetic Field Interference

Applications
 Utility Meters including
Water, Gas, and Heat Meters
 Solid State Switches
 Speed Sensing
 Rotary and Linear Position
Sensing

General Description
The MMS1X1H is a digital bipolar magnetic switch that integrates TMR and CMOS
technology in order to provide a magnetically triggered digital switch with high sensitivity, high
speed, and ultra-low power consumption. It integrates a push-pull half-bridge TMR magnetic sensor
and CMOS signal processing circuitry within the same package. Designed for use in applications
that are both power-critical and performance-demanding, this device includes an on-chip TMR
voltage generator for precise magnetic sensing, TMR voltage amplifier and comparator, a Schmitt
trigger to provide switching hysteresis for noise rejection, and CMOS push-pull output. An internal
band gap regulator is used to provide temperature compensated supply voltage for internal circuits,
and it allows a wide range of operating supply voltages. The MMS1X1H draws only 1.5μA
resulting in ultra-low power operation, additionally it has fast response, accurate switching points,
excellent thermal stability, and immunity to stray field interference. It is available in two packaging
form factors: SOT23-3 (P/N MMS1X1HS), or TO-92S (P/N MMS1X1HT).




Similar Part No. - MMS1X1H

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
MMS1 CARLOGAVAZZI-MMS1 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
logo
Nanjing Ouzhuo Technolo...
MMS105H OHHALLSENSOR-MMS105H Datasheet
449Kb / 5P
Tunneling Magnetoresistance Bipolar Switch
logo
List of Unclassifed Man...
MMS1208 ETC2-MMS1208 Datasheet
149Kb / 2P
Microminiature Slide Switches
More results


Similar Description - MMS1X1H

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
TMR1201 AEC-TMR1201 Datasheet
330Kb / 5P
TMR Bipolar Switch
TMR1303 AEC-TMR1303 Datasheet
406Kb / 6P
TMR Omnipolar Switch
TMR1341 AEC-TMR1341 Datasheet
320Kb / 5P
TMR Omnipolar Switch
logo
Littelfuse
LF11115TMR LITTELFUSE-LF11115TMR Datasheet
631Kb / 6P
TMR Bipolar Switch 17 Gauss 200nA Push Pull Sensor
Revised: 02/20/20
logo
MultiDimension Technolo...
TMR1215 MULTIDIMENSION-TMR1215 Datasheet
521Kb / 6P
Bi stable TMR Bipolar Magnetic Switch with Passive Memory Effect
V1.0
TMR1252 MULTIDIMENSION-TMR1252 Datasheet
727Kb / 5P
TMR Z Axis Bipolar Switch
V1.1
TMR1303B MULTIDIMENSION-TMR1303B Datasheet
646Kb / 5P
TMR Omnipolar Switch
V1.1
TMR1309 MULTIDIMENSION-TMR1309 Datasheet
592Kb / 5P
TMR Omnipolar Switch
V1.2
TMR9002 MULTIDIMENSION-TMR9002 Datasheet
720Kb / 5P
Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR1302B MULTIDIMENSION-TMR1302B Datasheet
514Kb / 5P
TMR Omnipolar Switch
V1.0a
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com