| Electronic Components Datasheet Search |
|
SVT042R5NT Datasheet (PDF) - Silan Microelectronics Joint-stock |
SVT042R5NT Datasheet (PDF) |
|
Download Datasheet |
| Part # | SVT042R5NT |
| Download | SVT042R5NT Click to download |
| File Size | 274.69 Kbytes |
| Page | 8 Pages |
| Manufacturer | SILAN [Silan Microelectronics Joint-stock] |
| Direct Link | http://www.silan.com.cn |
| Logo | |
| Description | 240A, 40V N-CHANNEL MOSFET |
SVT042R5NT Datasheet (HTML) - Silan Microelectronics Joint-stock |
SVT042R5NT Product details |
|
Similar Part No. - SVT042R5NT |
|
Similar Description - SVT042R5NT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |