Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMD05P60ES9 Datasheet (PDF) - Rectron Semiconductor

RMD05P60ES9 Datasheet PDF - Rectron Semiconductor
Part # RMD05P60ES9
Download  RMD05P60ES9 Download
File Size   286.73 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description P-Channel Enhancement Mode Power MOSFET

RMD05P60ES9 Datasheet (PDF)

Go To PDF Page Download Datasheet
RMD05P60ES9 Datasheet PDF - Rectron Semiconductor

Part # RMD05P60ES9
Download  RMD05P60ES9 Click to download

File Size   286.73 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description P-Channel Enhancement Mode Power MOSFET

RMD05P60ES9 Datasheet (HTML) - Rectron Semiconductor


RMD05P60ES9 Product details

General Features
VDS = -60V,ID = -0.47A
RDS(ON) <3300mΩ GS=-4.5V
RDS(ON) <2500mΩ GS=-10V
High power and current handing capability
Lead free product is acquired
Surface mount package
Halogen-free




Similar Part No. - RMD05P60ES9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RMD05024 MACOM-RMD05024 Datasheet
175Kb / 3P
Power Relay
RMD05524 MACOM-RMD05524 Datasheet
175Kb / 3P
Power Relay
RMD05615 MACOM-RMD05615 Datasheet
175Kb / 3P
Power Relay
RMD05730 MACOM-RMD05730 Datasheet
175Kb / 3P
Power Relay
More results


Similar Description - RMD05P60ES9

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com