Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM512 Datasheet (PDF) - List of Unclassifed Manufacturers

SM512 Datasheet PDF - List of Unclassifed Manufacturers
Part # SM512
Download  SM512 Download
File Size   92.81 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Diffuse Mode Sensors

SM512 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM512 Datasheet PDF - List of Unclassifed Manufacturers

Part # SM512
Download  SM512 Click to download

File Size   92.81 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Diffuse Mode Sensors

SM512 Datasheet (HTML) - List of Unclassifed Manufacturers


SM512 Product details

[Banner Engineering Corp.]



DC sensors with metal housings: SM512DB, DBX, LBD, and LBDX



Banner SM512 Series dc diffuse mode sensors are designed for reliable performance in especially hostile industrial environments. These sensors have totally-encapsulated circuitry within die-cast metal housings for superior resistance to moisture and physical abuse. Models include: SM512DB, SM512DBX, SM512LBD, and SM512LBDX.



Model SM512DB has a sensing range of 8 inches and a response time of 1 millisecond (ms). Model SM512DBX has greater range (15 inches) and 10 ms response time. Models SM512LBD and LBDX are divergent diffuse sensors with a wide field of view, which makes them ideal for sensing of transparent objects. See the individual product descriptions (page 2) for more information.



SM512 Series sensors have complementary NPN transistor outputs (one normally open and the other normally closed), which connect directly to Banner MICRO-AMP and MAXI-AMP logic modules, as well as to most logic gates, small relays, and other similar dc loads.



 




Similar Part No. - SM512

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
SM5120A AITSEMI-SM5120A Datasheet
486Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
SM5120AF AITSEMI-SM5120AF Datasheet
416Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
SM5120BF AITSEMI-SM5120BF Datasheet
566Kb / 5P
SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
SM5120C AITSEMI-SM5120C Datasheet
360Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV3.1
logo
Nippon Precision Circui...
SM5124A NPC-SM5124A Datasheet
182Kb / 5P
CB Transceiver PLL
More results


Similar Description - SM512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
Self-contained DC-operated Diffuse Mode Sensors
logo
Contrinex AG Industrial...
LTR-C23PA-PMK-10A CONTRINEX-LTR-C23PA-PMK-10A Datasheet
498Kb / 6P
ULTRASONIC SENSORS DIFFUSE
LTR-C23PA-PMS-403 CONTRINEX-LTR-C23PA-PMS-403 Datasheet
498Kb / 6P
ULTRASONIC SENSORS DIFFUSE
UST-M30MS-TLS-301 CONTRINEX-UST-M30MS-TLS-301 Datasheet
281Kb / 9P
ULTRASONIC SENSORS DIFFUSE
UST-M30PS-TMS-301 CONTRINEX-UST-M30PS-TMS-301 Datasheet
335Kb / 9P
ULTRASONIC SENSORS DIFFUSE
UST-M30PO-TXS-101 CONTRINEX-UST-M30PO-TXS-101 Datasheet
404Kb / 9P
ULTRASONIC SENSORS DIFFUSE
logo
Banner Engineering Corp...
T8AN6D50 BANNER-T8AN6D50 Datasheet
898Kb / 4P
T8 Series Diffuse-Mode Sensors
logo
Pepperl+Fuchs Inc.
OBD200-18GM60-E5-IR-1C PF-OBD200-18GM60-E5-IR-1C Datasheet
892Kb / 4P
Diffuse mode sensor
2022-08-29
OBD450-18GK40A-E0-V1 PF-OBD450-18GK40A-E0-V1 Datasheet
1Mb / 4P
Diffuse mode sensor
2022-05-12
OBD450-18GM40A-E0-V1 PF-OBD450-18GM40A-E0-V1 Datasheet
997Kb / 4P
Diffuse mode sensor
2022-05-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com