Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD7424 Datasheet (PDF) - ON Semiconductor

ESD7424 Datasheet PDF - ON Semiconductor
Part # ESD7424
Download  ESD7424 Download
File Size   267.07 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low Capacitance ESD Protection

ESD7424 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD7424 Datasheet PDF - ON Semiconductor

Part # ESD7424
Download  ESD7424 Click to download

File Size   267.07 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low Capacitance ESD Protection

ESD7424 Datasheet (HTML) - ON Semiconductor


ESD7424 Product details

The ESD7424 is designed to protect voltage sensitive components
that require ultra−low capacitance from ESD and transient voltage
events. It has industry leading capacitance linearity over voltage
making it ideal for RF applications. This capacitance linearity
combined with the extremely small package and low insertion loss
makes this part well suited for use in antenna line applications for
wireless handsets and terminals.

Features
 Industry Leading Capacitance Linearity Over Voltage
 Ultra−Low Capacitance: < 1.0 pF Max
 Insertion Loss: 0.1 dB at 1 GHz; 0.50 dB at 3 GHz
 Low Leakage: < 1 A
 Protection for the following IEC Standards:
 IEC61000−4−2 (ESD): Level 4 30 kV Contact
 ISO 10605 (ESD) 330 pF/330 30 kV Contact
 SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
 These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Typical Applications
 RF Signal ESD Protection
 Automotive Antenna ESD Protection
 Near Field Communications
 USB 2.0, USB 3.0




Similar Part No. - ESD7424

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7421 ONSEMI-ESD7421 Datasheet
111Kb / 6P
ESD Protection Diodes
July, 2014 ??Rev. 1
ESD7421N2T5G ONSEMI-ESD7421N2T5G Datasheet
111Kb / 6P
ESD Protection Diodes
July, 2014 ??Rev. 1
ESD7421N2T5G ONSEMI-ESD7421N2T5G Datasheet
111Kb / 6P
ESD Protection Diodes
November, 2016 ??Rev. 2
logo
Shanghai Leiditech Elec...
ESD7421N2T5G LEIDITECH-ESD7421N2T5G Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
ON Semiconductor
ESD7421 ONSEMI-ESD7421_16 Datasheet
111Kb / 6P
ESD Protection Diodes
November, 2016 ??Rev. 2
More results


Similar Description - ESD7424

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1403M1Q PANJIT-PE1403M1Q Datasheet
344Kb / 5P
Ultra Low Capacitance ESD Protection
April 15,2017-REV.00
PE1403M2Q PANJIT-PE1403M2Q Datasheet
378Kb / 5P
Ultra Low Capacitance ESD Protection
May 4,2018-REV.01
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
PE1805C4E6 PANJIT-PE1805C4E6 Datasheet
310Kb / 5P
Ultra Low Capacitance ESD Protection
August 10,2022 PE1805C4E6-REV.01
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com