Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC86262P Datasheet (PDF) - ON Semiconductor

FDMC86262P Datasheet PDF - ON Semiconductor
Part # FDMC86262P
Download  FDMC86262P Download
File Size   195.73 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – P-Channel, POWERTRENCH

FDMC86262P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMC86262P Datasheet PDF - ON Semiconductor

Part # FDMC86262P
Download  FDMC86262P Click to download

File Size   195.73 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – P-Channel, POWERTRENCH

FDMC86262P Datasheet (HTML) - ON Semiconductor


FDMC86262P Product details

General Description
This P−Channel MOSFET is produced using onsemi’s advanced
POWERTRENCH technology. This very high density process is
especially tailored to minimize on−state resistance and optimized for
superior switching performance.

Features
• Max rDS(on) = 307 m at VGS = −10 V, ID = −2 A
• Max rDS(on) = 356 m at VGS = −6 V, ID = −1.8 A
• Very Low rDS(on) Mid Voltage P−Channel Silicon Technology
Optimised for Low Qg
• Optimised for Fast Switching Applications as Well as Load Switch
Applications
• 100% UIL Tested
• This Device is Pb−Free, Halide Free and is ROHS Compliant

Applications
• Active Clamp Switch
• Load Switch




Similar Part No. - FDMC86262P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86260 FAIRCHILD-FDMC86260 Datasheet
251Kb / 7P
N-Channel Power Trench짰 MOSFET
FDMC86261P FAIRCHILD-FDMC86261P Datasheet
230Kb / 8P
P-Channel PowerTrench MOSFET -150 V, -9 A, 160 m
FDMC86265P FAIRCHILD-FDMC86265P Datasheet
288Kb / 8P
P-Channel PowerTrench MOSFET
More results


Similar Description - FDMC86262P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC5614P FAIRCHILD-FDMC5614P Datasheet
263Kb / 7P
P-Channel PowerTrench MOSFET
FDC365P FAIRCHILD-FDC365P_07 Datasheet
308Kb / 6P
P-Channel PowerTrench MOSFET
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
P-Channel PowerTrench MOSFET
FDMC86139P FAIRCHILD-FDMC86139P Datasheet
384Kb / 8P
P-Channel PowerTrench MOSFET
FDMC86259P FAIRCHILD-FDMC86259P Datasheet
179Kb / 8P
P-Channel PowerTrench MOSFET
FDMC86265P FAIRCHILD-FDMC86265P Datasheet
288Kb / 8P
P-Channel PowerTrench MOSFET
FDMS86163P FAIRCHILD-FDMS86163P Datasheet
333Kb / 8P
P-Channel PowerTrench MOSFET
FDMS86263P FAIRCHILD-FDMS86263P Datasheet
351Kb / 8P
P-Channel PowerTrench MOSFET
FDN86265P FAIRCHILD-FDN86265P Datasheet
270Kb / 7P
P-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD9509L-F085 ONSEMI-FDD9509L-F085 Datasheet
337Kb / 7P
MOSFET - P-Channel PowerTrench
February, 2020 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com