Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8518C Datasheet (PDF) - ON Semiconductor

NCV8518C Datasheet PDF - ON Semiconductor
Part # NCV8518C
Download  NCV8518C Download
File Size   492.16 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Linear Regulator - Low Dropout, Watchdog, Wake Up, RESET, ENABLE

NCV8518C Datasheet (PDF)

Go To PDF Page Download Datasheet
NCV8518C Datasheet PDF - ON Semiconductor

Part # NCV8518C
Download  NCV8518C Click to download

File Size   492.16 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Linear Regulator - Low Dropout, Watchdog, Wake Up, RESET, ENABLE

NCV8518C Datasheet (HTML) - ON Semiconductor


NCV8518C Product details

The NCV8518C device is a precision micropower voltage regulator.
It has a fixed output voltage of 5.0 V and regulates within ±2%. It is
suitable for use in all automotive environments and contains all the
required functions to control a microprocessor. This device has low
dropout voltage and low quiescent current. It includes a watchdog
timer, adjustable reset, wake up and enable function. Also
encompassed in this device are safety features such as thermal
shutdown and short circuit protection. It is capable of handling up to
45 V transients.

Features
• Output Voltage Option: 5.0 V
• Output Voltage Accuracy: ±2%
• Output Current up to 250 mA
• Low Dropout Voltage
• Low Quiescent Current of 70 A
• Low Sleep Mode Current less than 1.0 A
• Micropower Compatible Control Functions:
− ENABLE
− Watchdog
− RESET
− Wake Up
• Protection Features:
− Thermal Shutdown
− Current Limitation
• NCV Prefix for Automotive and Other Applications Requiring Site
and Change Control
• AEC−Q100 Grade 1 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant

Applications (for safety applications refer to Figure 22)
• Body and Chassis
• Instrument and Clusters
• Engine Control Unit




Similar Part No. - NCV8518C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8518 ONSEMI-NCV8518 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518APDG ONSEMI-NCV8518APDG Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518APDR2G ONSEMI-NCV8518APDR2G Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518APWG ONSEMI-NCV8518APWG Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
More results


Similar Description - NCV8518C

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Rev. 2/23/99
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
Rev. 3/17/99
logo
ON Semiconductor
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
logo
Infineon Technologies A...
TLS820F3ELV33 INFINEON-TLS820F3ELV33 Datasheet
2Mb / 42P
OPTIREG™ linear TLS820F3ELV33 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
TLS820F3ELV50 INFINEON-TLS820F3ELV50 Datasheet
2Mb / 42P
OPTIREG™ linear TLS820F3ELV50 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
TLS850F3TUV33 INFINEON-TLS850F3TUV33 Datasheet
1Mb / 35P
OPTIREG™ linear TLS850F3TUV33 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
TLS850F3TUV50 INFINEON-TLS850F3TUV50 Datasheet
1Mb / 35P
OPTIREG™ linear TLS850F3TUV50 Low dropout linear voltage regulator with watchdog and reset
Rev. 1.1 2023-10-16
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com