Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9163 Datasheet (PDF) - Analog Devices

AD9163 Datasheet PDF - Analog Devices
Part # AD9163_V01
Download  AD9163 Download
File Size   2595.04 Kbytes
Page   126 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 12 GSPS, RF DAC and Digital Upconverter

AD9163 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9163 Datasheet PDF - Analog Devices

Part # AD9163_V01
Download  AD9163 Click to download

File Size   2595.04 Kbytes
Page   126 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 12 GSPS, RF DAC and Digital Upconverter

AD9163 Datasheet (HTML) - Analog Devices


AD9163 Product details

FEATURES
DAC update rate up to 12 GSPS (minimum)
Direct RF synthesis at 6 GSPS (minimum)
DC to 3 GHz in nonreturn-to-zero (NRZ) mode
DC to 6 GHz in 2× NRZ mode
1.5 GHz to 7.5 GHz in Mix-Mode
Selectable interpolation
6×, 8×, 12×, 16×, 24×
Excellent dynamic performance
APPLICATIONS
Broadband communications systems
DOCSIS 3.1 cable modem termination system (CMTS)/ video on demand (VOD)/edge quadrature amplitude modulation (EQAM)
Wireless communications infrastructure
MC-GSM, W-CDMA, LTE, LTE-A, point to point




Similar Part No. - AD9163_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9163-FMCC-EBZ AD-AD9163-FMCC-EBZ Datasheet
2Mb / 124P
DAC update rate up to 12 GSPS
Rev. 0
AD9163-FMCC-EBZ AD-AD9163-FMCC-EBZ Datasheet
2Mb / 126P
RF DAC and Digital Upconverter
7/2017-Rev. B to Rev. C
AD9163BBCZ AD-AD9163BBCZ Datasheet
2Mb / 124P
DAC update rate up to 12 GSPS
Rev. 0
AD9163BBCZ AD-AD9163BBCZ Datasheet
2Mb / 126P
RF DAC and Digital Upconverter
7/2017-Rev. B to Rev. C
AD9163BBCZRL AD-AD9163BBCZRL Datasheet
2Mb / 124P
DAC update rate up to 12 GSPS
Rev. 0
More results


Similar Description - AD9163_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9957 AD-AD9957 Datasheet
617Kb / 38P
1 GSPS Quadrature Digital Upconverter w/18-Bit IQ Data Path and 14-Bit DAC
Rev. PrF
AD9957 AD-AD9957_07 Datasheet
1Mb / 60P
1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
5/07-Revision 0
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
AD9163 AD-AD9163_17 Datasheet
2Mb / 126P
RF DAC and Digital Upconverter
7/2017-Rev. B to Rev. C
AD9174 AD-AD9174 Datasheet
2Mb / 163P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
11/2018-Revision 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
5/2019-Rev. 0 to Rev. A
AD9176 AD-AD9176_V01 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC
5/2019-Rev. 0 to Rev. A
AD9082 AD-AD9082 Datasheet
717Kb / 33P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
9/2020-Rev. 0 to Rev. A
AD9081 AD-AD9081 Datasheet
122Kb / 3P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
AD9177 AD-AD9177 Datasheet
132Kb / 5P
Quad, 16-Bit, 12 GSPS RF DAC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com