Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS400R07A3E3 Datasheet (PDF) - Infineon Technologies AG

FS400R07A3E3 Datasheet PDF - Infineon Technologies AG
Part # FS400R07A3E3
Download  FS400R07A3E3 Download
File Size   796.97 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HybridPACK™ DC6 module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode and NTC

FS400R07A3E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS400R07A3E3 Datasheet PDF - Infineon Technologies AG

Part # FS400R07A3E3
Download  FS400R07A3E3 Click to download

File Size   796.97 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HybridPACK™ DC6 module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode and NTC

FS400R07A3E3 Datasheet (HTML) - Infineon Technologies AG


FS400R07A3E3 Product details

Features
• Electrical features
- VCES = 700 V
- IC nom = 400 A / ICRM = 800 A
- Increased blocking voltage capability to 705 V
- VCE,sat with positive temperature coefficient
- Low VCE,sat
- Low switching losses
- Low inductive design
- Tvj,op = 150°C
- Short-time extended operation temperature Tvj,op = 175°C
• Mechanical features
- 2.5 kV AC 1 minute insulation
- Al2O3 substrate with low thermal resistance
- Integrated NTC temperature sensor
- High mechanical robustness
- RoHS compliant




Similar Part No. - FS400R07A3E3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS400R07A3E3_H6 INFINEON-FS400R07A3E3_H6 Datasheet
678Kb / 15P
HybridPACK™ DC6 module with Trench/Fieldstop IGBT3 and emitter controlled 3 diode and NTC
Revision 1.20 2021-12-21
More results


Similar Description - FS400R07A3E3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF450R06ME3 INFINEON-FF450R06ME3 Datasheet
512Kb / 9P
EconoDUAL3 module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and NTC
2011-03-01 revision:3.1
FF600R06ME3 INFINEON-FF600R06ME3 Datasheet
514Kb / 9P
EconoDUAL3 module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and NTC
2011-03-01 revision:3.1
FS20R06W1E3 INFINEON-FS20R06W1E3 Datasheet
2Mb / 9P
EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and NTC
2009-10-30 revision:2.1
FS20R06W1E3_B11 INFINEON-FS20R06W1E3_B11 Datasheet
569Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-08-09 revision:2.0
FS30R06W1E3_B11 INFINEON-FS30R06W1E3_B11 Datasheet
571Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FS50R06W1E3 INFINEON-FS50R06W1E3 Datasheet
2Mb / 9P
EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and NTC
2009-10-30 revision:2.1
FS50R06W1E3_B11 INFINEON-FS50R06W1E3_B11 Datasheet
568Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-08-09 revision:2.0
FS800R07A2E3 INFINEON-FS800R07A2E3 Datasheet
439Kb / 9P
HybridPACK 2 module with trench/fieldstop IGBT3 and Emitter Controlled diode
2011-01-17 revision:2.0
F5-75R06KE3_B5 INFINEON-F5-75R06KE3_B5 Datasheet
899Kb / 13P
EconoPACK™3 module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
revision: 2.2 2013-11-04
FS75R07W2E3_B11A INFINEON-FS75R07W2E3_B11A Datasheet
529Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
revision:3.0 2012-01-27
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com