Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS900R08A2P2_B32 Datasheet (PDF) - Infineon Technologies AG

FS900R08A2P2_B32 Datasheet PDF - Infineon Technologies AG
Part # FS900R08A2P2_B32
Download  FS900R08A2P2_B32 Download
File Size   1201.22 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HybridPACKª 2 Module

FS900R08A2P2_B32 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS900R08A2P2_B32 Datasheet PDF - Infineon Technologies AG

Part # FS900R08A2P2_B32
Download  FS900R08A2P2_B32 Click to download

File Size   1201.22 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HybridPACKª 2 Module

FS900R08A2P2_B32 Datasheet (HTML) - Infineon Technologies AG


FS900R08A2P2_B32 Product details

Electrical Features
• VCEsat with positive Temperature Coefficient
• Low VCEsat
• Low Switching Losses
• Low Qg and Cres
• Low Inductive Design
• Tvj op = 150°C
• Short-time extended Operation Temperature
Tvj op = 175°C

Mechanical Features
• 2.5kV AC 1min Insulation
• Direct Cooled Base Plate
• High Power Density
• Integrated NTC temperature sensor
• Copper Base Plate
• Isolated Base Plate
• RoHS compliant




Similar Part No. - FS900R08A2P2_B32

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS900R08A2P2_B31 INFINEON-FS900R08A2P2_B31 Datasheet
1Mb / 15P
HybridPACKª 2 Module
V3.2, 2017-08-30
More results


Similar Description - FS900R08A2P2_B32

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS9700 HP-HEDS9700 Datasheet
430Kb / 11P
2 CHANNEL ENCODER MODULE
logo
Delta Electronics, Inc.
DLBM-CH122 DELTA-DLBM-CH122 Datasheet
166Kb / 13P
Bluetooth Module Class 2
DFBM-CM22A DELTA-DFBM-CM22A Datasheet
356Kb / 9P
Bluetooth Module Class 2
logo
STMicroelectronics
GS-BT2416C2 STMICROELECTRONICS-GS-BT2416C2 Datasheet
237Kb / 10P
Bluetooth Class 2 Module
28-Feb-2007
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
Class 2 Bluetooth??Module
logo
Delta Electronics, Inc.
DLBM-CH120 DELTA-DLBM-CH120 Datasheet
353Kb / 40P
Bluetooth Module Class 2
logo
Advantech Co., Ltd.
PCM-3116 ADVANTECH-PCM-3116 Datasheet
174Kb / 1P
2-slot Card Bus Module 2-slot mini PCI Module
logo
Panasonic Semiconductor
ENW89815C3KF PANASONIC-ENW89815C3KF Datasheet
667Kb / 33P
CLASS 2 BLUETOOTH MODULE
logo
KEC(Korea Electronics)
FM400CD1D5C KEC-FM400CD1D5C Datasheet
375Kb / 3P
2-PACK MOSFET MODULE
FM400HB1D5C KEC-FM400HB1D5C Datasheet
375Kb / 3P
2 - PACK MOSFET MODULE
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com