Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY205216DWC Datasheet (PDF) - Silergy Corp.

SY205216DWC Datasheet PDF - Silergy Corp.
Part # SY205216DWC
Download  SY205216DWC Download
File Size   435.11 Kbytes
Page   9 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description Low Capacitance TVS Protection

SY205216DWC Datasheet (PDF)

Go To PDF Page Download Datasheet
SY205216DWC Datasheet PDF - Silergy Corp.

Part # SY205216DWC
Download  SY205216DWC Click to download

File Size   435.11 Kbytes
Page   9 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description Low Capacitance TVS Protection

SY205216DWC Datasheet (HTML) - Silergy Corp.


SY205216DWC Product details

General Description
The SY205216DWC is a low-capacitance transient
voltage suppressor (TVS) designed to provide
electrostatic discharge (ESD) protection for high-speed
data interfaces. With a typical capacitance of 12pF, the
SY205216DWC is designed to protect against
over-voltage and over-current transient events. It
complies with IEC 61000-4-2 (ESD) (±30kV air, ±30kV
contact discharge), IEC 61000-4-5 (surge) (4A, 8/20μs).
Each SY205216DWC device can protect one data line.
The SY205216DWC is available in a small
DFN1.0×0.6-2 package.

Features
 Transient Protection for High-speed Data Lines
 IEC 61000-4-2 (ESD) ±30kV (Air)±30kV (Contact)
 IEC 61000-4-5 (Surge) 4A (8/20μs)
 Package Optimized for High-Speed Lines
 Ultra-Small Package (1.0mm0.6mm0.55mm)
 Protects One Data, Control, or Power Line
 Low Capacitance: 12pF (Typical)
 Low Leakage Current: 0.01μA @ VRWM (Typical)
 Low Clamping Voltage
 Each I/O pin can withstand over 1000 ESD strikes for
±8kV contact discharge.

Applications
 Desktops, Servers, and Notebooks
 Cellular Phones
 Digital Camera Ports

Mechanical Characteristics
 DFN1.0×0.6-2 Package
 Marking: Part Number
 Packaging: Tape and Reel




Similar Part No. - SY205216DWC

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY205232 SILERGY-SY205232 Datasheet
426Kb / 10P
Low Capacitance TVS Protection
Rev.1.0A
SY205232DWC SILERGY-SY205232DWC Datasheet
426Kb / 10P
Low Capacitance TVS Protection
Rev.1.0A
SY205232DXC SILERGY-SY205232DXC Datasheet
426Kb / 10P
Low Capacitance TVS Protection
Rev.1.0A
More results


Similar Description - SY205216DWC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05U10LCFN2 PANJIT-PJSD05U10LCFN2 Datasheet
338Kb / 5P
LOW CAPACITANCE TVS/ESD PROTECTION
PJSD05U06LCFN2 PANJIT-PJSD05U06LCFN2 Datasheet
289Kb / 5P
LOW CAPACITANCE TVS/ESD PROTECTION
PJE5V0M1FN2 PANJIT-PJE5V0M1FN2 Datasheet
192Kb / 5P
Low Capacitance TVS/ESD Protection
PJEC5V0M1FN2 PANJIT-PJEC5V0M1FN2 Datasheet
221Kb / 6P
Low Capacitance TVS/ESD Protection
PJEC5V0M1TA PANJIT-PJEC5V0M1TA Datasheet
230Kb / 6P
Low Capacitance TVS/ESD Protection
PJSRV05W-4DW6 PANJIT-PJSRV05W-4DW6 Datasheet
291Kb / 6P
Low Capacitance TVS/ESD Protection
PJSRV05W-4GDW PANJIT-PJSRV05W-4GDW Datasheet
298Kb / 5P
Low Capacitance TVS/ESD Protection
PJSRV05W-4GW5 PANJIT-PJSRV05W-4GW5 Datasheet
260Kb / 6P
Low Capacitance TVS/ESD Protection
PJSRV05W-4GW6 PANJIT-PJSRV05W-4GW6 Datasheet
305Kb / 6P
Low Capacitance TVS/ESD Protection
logo
Rectron Semiconductor
TEP0801LC RECTRON-TEP0801LC Datasheet
168Kb / 5P
Low Capacitance TVS/ESD Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com