Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1809047 Datasheet (PDF) - PHOENIX CONTACT

1809047 Datasheet PDF - PHOENIX CONTACT
Part # 1809047
Download  1809047 Download
File Size   347.78 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/18-ST-5,08-LR - PCB connector

1809047 Datasheet (PDF)

Go To PDF Page Download Datasheet
1809047 Datasheet PDF - PHOENIX CONTACT

Part # 1809047
Download  1809047 Click to download

File Size   347.78 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/18-ST-5,08-LR - PCB connector

1809047 Datasheet (HTML) - PHOENIX CONTACT


1809047 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
18, number of rows: 1, number of positions: 18, number of connections: 18, product range:
MSTB 2,5/..-ST-LR, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - without
locking clip, plug-in system: COMBICON MSTB 2,5, locking: Snap-in locking, mounting: Lock &
Release ejector lever, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Allows connection of two conductors




Similar Part No. - 1809047

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809048 PHOENIX-1809048 Datasheet
158Kb / 6P
ICC 2,5/ 2-STZ-5,08
More results


Similar Description - 1809047

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809021 PHOENIX-1809021 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/16-ST-5,08-LR
1809050 PHOENIX-1809050 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/19-ST-5,08-LR
1808983 PHOENIX-1808983 Datasheet
111Kb / 7P
Printed-circuit board connector - MSTB 2,5/12-ST-5,08-LR
1809005 PHOENIX-1809005 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/14-ST-5,08-LR
1809018 PHOENIX-1809018 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/15-ST-5,08-LR
1808886 PHOENIX-1808886 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/ 2-ST-5,08-LR
1808899 PHOENIX-1808899 Datasheet
107Kb / 7P
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08-LR
1808967 PHOENIX-1808967 Datasheet
111Kb / 7P
Printed-circuit board connector - MSTB 2,5/10-ST-5,08-LR
1861771 PHOENIX-1861771 Datasheet
481Kb / 14P
PCB connector - FKCOR 2,5/10-ST-5,08-LR
Jan 10, 2023
1861836 PHOENIX-1861836 Datasheet
472Kb / 14P
FKCOR 2,5/16-ST-5,08-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com