Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABE0101 Datasheet (PDF) - Abracon Corporation

ABE0101 Datasheet PDF - Abracon Corporation
Part # ABE0101
Download  ABE0101 Download
File Size   216.16 Kbytes
Page   5 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Low EMI Spread Spectrum Multiplier Clock

ABE0101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABE0101 Datasheet PDF - Abracon Corporation

Part # ABE0101
Download  ABE0101 Click to download

File Size   216.16 Kbytes
Page   5 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Low EMI Spread Spectrum Multiplier Clock

ABE0101 Datasheet (HTML) - Abracon Corporation


ABE0101 Product details

DESCRIPTION
The ABE0101/02/04/06 are Spread Spectrum Clock Generators designed for the purpose of reducing EMI in high-speed digital systems. Any output frequency from 10 to 180MHz can be selected by programming 6 multiplier modes. The device is designed to operate from a crystal or reference clock input and provides 1x to 6x modulated clock outputs.

FEATURES
• Spread Spectrum Clock Generator with selectable multiplier from 1x to 6x outputs.
• Output frequency ranges: 10MHz to 180MHz.
• Accepts input from crystal or reference clock.
• Selectable Center, Down or Asymmetric Spread Modulation.
• Selectable Modulation rate.
• TTL/CMOS compatible outputs.
• 3.3V Operating Voltage.
• Low short term jitter.
• Available in 8-Pin 150mil SOIC.




Similar Part No. - ABE0101

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
ABE010 CONQUER-ABE010 Datasheet
140Kb / 1P
Fast-Acting Fuse
More results


Similar Description - ABE0101

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0121 ABRACON-ABE0121 Datasheet
50Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com