Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFB2510 Datasheet (PDF) - ON Semiconductor

DFB2510 Datasheet PDF - ON Semiconductor
Part # DFB2510
Download  DFB2510 Download
File Size   410.42 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Glass-Passivated Bridge Rectifiers

DFB2510 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFB2510 Datasheet PDF - ON Semiconductor

Part # DFB2510
Download  DFB2510 Click to download

File Size   410.42 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Glass-Passivated Bridge Rectifiers

DFB2510 Datasheet (HTML) - ON Semiconductor


DFB2510 Product details

Features
• UL Certificate # E258596
• Glass−Passivated Junction
• Ideal for Printed Circuit Board
• Reliable Low−Cost Construction
• Plastic Material has Underwriters Laboratory Flammability
Classification 94V−0
• Surge Overload Rating: 350 A Peak
• High Case Dielectric Strength: 2500 VRMS
• Isolated Voltage from Case to Lead: > 2500 V
• Screw Torque Specification: 8.17 in−lbs Maximum
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - DFB2510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DFB2510 FAIRCHILD-DFB2510 Datasheet
340Kb / 4P
Glass Passivated Bridge Rectifiers
DFB2510 FAIRCHILD-DFB2510 Datasheet
338Kb / 5P
Glass-Passivated Bridge Rectifiers
logo
ON Semiconductor
DFB2510 ONSEMI-DFB2510 Datasheet
345Kb / 5P
Glass-Passivated Bridge Rectifiers
July, 2018 ??Rev. 3
logo
Fairchild Semiconductor
DFB25100 FAIRCHILD-DFB25100 Datasheet
340Kb / 4P
Glass Passivated Bridge Rectifiers
DFB25100 FAIRCHILD-DFB25100 Datasheet
338Kb / 5P
Glass-Passivated Bridge Rectifiers
More results


Similar Description - DFB2510

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com