Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK3LP Datasheet (PDF) - Abracon Corporation

AK3LP Datasheet PDF - Abracon Corporation
Part # AK3LP
Download  AK3LP Download
File Size   665.75 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description ClearClock™ Oscillator Family | Low-Power HCSL | 3.2x2.5mm XO

AK3LP Datasheet (PDF)

Go To PDF Page Download Datasheet
AK3LP Datasheet PDF - Abracon Corporation

Part # AK3LP
Download  AK3LP Click to download

File Size   665.75 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description ClearClock™ Oscillator Family | Low-Power HCSL | 3.2x2.5mm XO

AK3LP Datasheet (HTML) - Abracon Corporation


AK3LP Product details

Features
• Exceptionally Low RMS Jitter: 117fs Typ (@ 156.25MHz)
• Available in industry standard frequencies between 100MHz & 156.25MHz
• ±25ppm stability over industrial operating temperature (-40ºC to +85ºC)
• 1.8V ,2.5V, 3.3V, 1.71V to 3.63V Continuous supply voltage options
• Industry standard 3.2 x 2.5 x 1.0 mm footprint
• Based on 3rd overtone, quartz crystal technology
• Available in Abracon’s global distribution network
• Output Enable (Pad 1 or Pad 2 Active High) options available

Applications
• Optical Transceivers and Modules
• Data Centers, Storage, and Servers
• Networking switches and gateways
• 100G/200G/400G/800G Ethernet
• Fibre Channel/SONET/SDH/PCIe
• Industrial and FPGA applications
• Test & measurement




Similar Part No. - AK3LP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AK3 LITTELFUSE-AK3 Datasheet
838Kb / 4P
The AK3 series of high power TVS diode is specially designed for meeting severe surge test environment of both AC and DC line protection applications
logo
HuaXinAn Electronics CO...
AK3-015C HUAXINAN-AK3-015C Datasheet
347Kb / 2P
8x20uS 3KA Transient Voltage Suppressors
logo
HUAAN LIMITED
AK3-015C HUAAN-AK3-015C Datasheet
450Kb / 4P
AK3-015C Thru AK3-430C
logo
HuaXinAn Electronics CO...
AK3-020C HUAXINAN-AK3-020C Datasheet
347Kb / 2P
8x20uS 3KA Transient Voltage Suppressors
logo
HUAAN LIMITED
AK3-020C HUAAN-AK3-020C Datasheet
450Kb / 4P
AK3-015C Thru AK3-430C
More results


Similar Description - AK3LP

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX324 PERICOM-NX324 Datasheet
475Kb / 2P
2.5V/3.3V HCSL XO
NX504 PERICOM-NX504 Datasheet
609Kb / 2P
2.5/3.3V HCSL XO
NX704 PERICOM-NX704 Datasheet
578Kb / 2P
2.5V/3.3V HCSL XO
NX254 PERICOM-NX254 Datasheet
510Kb / 2P
2.5V/3.3V HCSL XO
logo
Integrated Device Techn...
XUO IDT-XUO_17 Datasheet
289Kb / 12P
IDT XO HCSL Crystal Oscillator
XUN IDT-XUN_17 Datasheet
289Kb / 12P
IDT XO HCSL Crystal Oscillator
logo
Microchip Technology
MX575ABJ100M000 MICROCHIP-MX575ABJ100M000 Datasheet
1Mb / 4P
Ultra-Low Jitter 100MHz HCSL XO
July 11, 2017 Revision 1.0
MX554BBD322M265 MICROCHIP-MX554BBD322M265 Datasheet
1Mb / 4P
Ultra-Low Jitter 322.265625MHz HCSL XO
June 25, 2018 Revision 1.0
logo
Fox Electronics
O3SL FOX-O3SL Datasheet
217Kb / 3P
3.2x2.5mm HCSL SMD Oscillator
logo
Suzhou HangJing Electro...
CO32C6 HANGJING-CO32C6 Datasheet
303Kb / 1P
OSCILLATOR UNIT WITH HCSL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com