Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6HR Datasheet (PDF) - Pedrollo S.p.A

6HR Datasheet PDF - Pedrollo S.p.A
Part # 6HR
Download  6HR Download
File Size   1408.34 Kbytes
Page   4 Pages
Manufacturer  PEDROLLO [Pedrollo S.p.A]
Direct Link  https://www.pedrollo.com/en/
Logo PEDROLLO - Pedrollo S.p.A
Description Microcast stainless steel 6" submersible pumps

6HR Datasheet (PDF)

Go To PDF Page Download Datasheet
6HR Datasheet PDF - Pedrollo S.p.A

Part # 6HR
Download  6HR Click to download

File Size   1408.34 Kbytes
Page   4 Pages
Manufacturer  PEDROLLO [Pedrollo S.p.A]
Direct Link  https://www.pedrollo.com/en/
Logo PEDROLLO - Pedrollo S.p.A
Description Microcast stainless steel 6" submersible pumps

6HR Datasheet (HTML) - Pedrollo S.p.A


6HR Product details

APPLICATION LIMITS
• Liquid temperature up to +40 °C
• Sand content max. 100 g/m³
• Maximum operating depth below water level:
– 200 m with 6PD motors
– 150 m with 6PSR motors
• Operation:
– in vertical position
– horizontally with the following limits:
6HR34 up to 11 stages / 6HR44 up to 10 stages
6HR54 up to 9 stages / 6HR64 up to 7 stages
• Starts per hour: 20 at regular intervals
• Minimum cooling flow 8 cm/s
• Continuous running duty S1




Similar Part No. - 6HR

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
6HR6 GEC-6HR6 Datasheet
67Kb / 1P
IF AMPLIFIER
More results


Similar Description - 6HR

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM6100G0CXS SENSORTECHNICS-BTEM6100G0CXS Datasheet
105Kb / 6P
Submersible precision stainless steel transmitters
CTEM9100G4CXS SENSORTECHNICS-CTEM9100G4CXS Datasheet
75Kb / 4P
OEM stainless steel submersible pressure transducers
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
Submersible precision stainless steel pressure transmitters
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
logo
Pentair plc. All rights...
ME40AG PENTAIR-ME40AG Datasheet
204Kb / 2P
SUBMERSIBLE AGRICULTURAL PUMPS
S40HT PENTAIR-S40HT Datasheet
1Mb / 16P
Submersible High Temperature Effluent Pumps
S50HT PENTAIR-S50HT Datasheet
216Kb / 2P
HIGH-CAPACITY SUBMERSIBLE SUMP PUMPS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com