Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE79Q2281DVC Datasheet (PDF) - Zarlink Semiconductor Inc

LE79Q2281DVC Datasheet PDF - Zarlink Semiconductor Inc
Part # LE79Q2281DVC
Download  LE79Q2281DVC Download
File Size   819.87 Kbytes
Page   38 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Quad Intelligent Subscriber Line Audio-processing Circuit VE790 Series

LE79Q2281DVC Datasheet (PDF)

Go To PDF Page Download Datasheet
LE79Q2281DVC Datasheet PDF - Zarlink Semiconductor Inc

Part # LE79Q2281DVC
Download  LE79Q2281DVC Click to download

File Size   819.87 Kbytes
Page   38 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Quad Intelligent Subscriber Line Audio-processing Circuit VE790 Series

LE79Q2281DVC Datasheet (HTML) - Zarlink Semiconductor Inc


LE79Q2281DVC Product details

APPLICATIONS
„ Voice over IP/DSL — Integrated Access Devices (IAD),
Smart Residential Gateways (SRG), Home Gateway/
Router
„ Cable Telephony — NIU, Set-Top Box, Home Side
Box, Cable Modem, Cable PC
„ Fiber — Fiber in the Loop (FITL), Fiber to the
Home (FTTH)
„ Wireless Local Loop, Intelligent PBX
„ DLC-MUX
„ CO

FEATURES
„ High performance digital signal processor provides
programmable control of all major line card functions
— A-law/µ-law and linear codec/filter
– Transmit and receive gain
– Two-wire AC impedance
– Transhybrid balance
– Equalization
— DC loop feeding
– Smooth or abrupt polarity reversal
— Loop supervision
– Off-hook debounce circuit
– Ground-key and ring-trip filters
— Internal ringing generation and integrated ring-trip
detection
— Adaptive hybrid balance
— Line and circuit testing
– Meets GR-909 and GR-844 test requirements
— Tone generation (DTMF, FSK, random noise, and
arbitrary tone)
— Metering generation at 12 kHz and 16 kHz
– Envelope shaping and level control
— Modem Tone Detection
„ Selectable PCM/MPI or GCI digital interfaces
— Supports most available master clock frequencies from
512 kHz to 8.192 MHz
„ General purpose I/O pins
„ +3.3 V DC operation
„ Exceeds LSSGR and ITU requirements
„ Supports external ringing with on-chip ring-trip circuit
— Automatic or manual ring-trip modes
„ Supports CallerNumber Identification (CID) tone
generation

DESCRIPTION
The Le79228 Quad Intelligent Subscriber Line Audioprocessing Circuit (ISLAC™) device, in combination with a
VE790 series ISLIC™ device, implements a four-channel
universal telephone line interface. This enables the design of a
single, low cost, high performance, fully software
programmable line interface for multiple country applications.
All AC, DC, and signaling parameters are fully programmable
via microprocessor or GCI interfaces. Additionally, the
Le79228 Quad ISLAC device has integrated self-test and linetest capabilities to resolve faults to the line or line circuit. The
integrated test capability is crucial for remote applications
where dedicated test hardware is not cost effective.




Similar Part No. - LE79Q2281DVC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
LE79112 ZARLINK-LE79112 Datasheet
811Kb / 43P
VoiceEdge™ Control Processor VE790 Series
Sep 24, 2007
LE79112ADGC ZARLINK-LE79112ADGC Datasheet
811Kb / 43P
VoiceEdge™ Control Processor VE790 Series
Sep 24, 2007
LE79112AKVC ZARLINK-LE79112AKVC Datasheet
811Kb / 43P
VoiceEdge™ Control Processor VE790 Series
Sep 24, 2007
LE79R70 ZARLINK-LE79R70 Datasheet
630Kb / 22P
Ringing Subscriber Line Interface Circuit VE580 Series
Sep 19, 2007
More results


Similar Description - LE79Q2281DVC

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
logo
List of Unclassifed Man...
AM79231 ETC1-AM79231 Datasheet
278Kb / 28P
Intelligent Subscriber Line Interface Circuit (ISLIC)
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
logo
Advanced Micro Devices
AM79D2251 AMD-AM79D2251 Datasheet
410Kb / 35P
Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
logo
Advanced Micro Devices
AM79R251 AMD-AM79R251 Datasheet
317Kb / 27P
Intelligent Subscriber Line Interface Circuit (ISLIC)
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
Subscriber Line Audio-Processing Circuit(SLAC)Device
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com