Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAM-20381HT Datasheet (PDF) - TDK Electronics

IAM-20381HT Datasheet PDF - TDK Electronics
Part # IAM-20381HT
Download  IAM-20381HT Download
File Size   1448.48 Kbytes
Page   46 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description High Performance Automotive Grade-2 3-Axis Accelerometer

IAM-20381HT Datasheet (PDF)

Go To PDF Page Download Datasheet
IAM-20381HT Datasheet PDF - TDK Electronics

Part # IAM-20381HT
Download  IAM-20381HT Click to download

File Size   1448.48 Kbytes
Page   46 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description High Performance Automotive Grade-2 3-Axis Accelerometer

IAM-20381HT Datasheet (HTML) - TDK Electronics


IAM-20381HT Product details

GENERAL DESCRIPTION
The IAM-20381HT is a grade-2 3-axis accelerometer for
Automotive non-safety applications, housed in a thin
3x3x0.75mm3
(16-pin LGA) package. It also features a
4096-byte FIFO that can lower the traffic on the serial bus
interface and reduce power consumption by allowing the
system processor to burst read sensor data and then go
into a low-power mode. IAM-20381HT, with its 3-axis
integration, enables manufacturers to eliminate the costly
and complex selection, qualification, and system level
integration of discrete devices, guaranteeing optimal
motion performance.
The accelerometer has a user-programmable full-scale
range of ±2g, ±4g, ±8g and ±16g. Factory-calibrated initial
sensitivity of sensors reduces production-line calibration
requirements.
Other industry-leading features include on-chip 16-bit
ADCs, programmable digital filters, an embedded
temperature sensor, and two programmable interrupts.
The device features I2C and SPI serial interfaces, a VDD
operating range of 1.71V to 3.6V, and a separate digital IO
supply, VDDIO from 1.71V to 3.6V.

APPLICATIONS
IAM-20381HT address a wide range of Automotive
applications, including but not limited to:
• Lift Gate Motion Detection
• Tilt measurement
• Infotainment and Navigation Systems
• Car Alarm
• Telematics
• Insurance Vehicle Tracking
• Drive Style Recording

FEATURES
• Digital-output X-, Y-, and Z-axis accelerometer with
a user-programmable full-scale range of ±2g, ±4g,
±8g and ±16g and integrated 16-bit ADCs
• User-programmable digital filters for accelerometer
and temperature sensor
• Embedded Self-test
• Two interrupt lines
• Wake-on-Motion interrupt for low-power operation
of applications processor
• Reliability testing performed according to
AEC–Q100: PPAP and qualification report available
upon request
• Final test at -40°C, 25°C, and +105°C




Similar Part No. - IAM-20381HT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IAM-20680 TDK-IAM-20680 Datasheet
795Kb / 52P
High Performance Automotive 6-Axis MotionTracking Device
More results


Similar Description - IAM-20381HT

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
3-axis accelerometer
logo
STMicroelectronics
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
ultra low-power high performance 3-axis ?쐄emto??accelerometer
25-Nov-2011
logo
Murata Manufacturing Co...
SCA1000 MURATA-SCA1000 Datasheet
523Kb / 14P
SCA1000-N1000070 2-AXIS HIGH PERFORMANCE ANALOG ACCELEROMETER
logo
STMicroelectronics
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
High-performance ultra low-power 3-axis accelerometer
13-Apr-2012
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
ultra-low-power high-performance 3-axis "pico" accelerometer
14-Dec-2015
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
ultra-low-power high-performance 3-axis accelerometer
03-Sep-2015
logo
MEMSIC Semiconductor (T...
MC3416 MEMSIC-MC3416 Datasheet
1Mb / 54P
3-Axis Accelerometer
APS-045-0020 v2.1
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
3-Axis Accelerometer
APS-048-0072v1.2.1
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com