Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1407305 Datasheet (PDF) - PHOENIX CONTACT

1407305 Datasheet PDF - PHOENIX CONTACT
Part # 1407305
Download  1407305 Download
File Size   985.01 Kbytes
Page   36 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-10,0-28R/FS SCO RAIL - Sensor/actuator cable

1407305 Datasheet (PDF)

Go To PDF Page Download Datasheet
1407305 Datasheet PDF - PHOENIX CONTACT

Part # 1407305
Download  1407305 Click to download

File Size   985.01 Kbytes
Page   36 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-10,0-28R/FS SCO RAIL - Sensor/actuator cable

1407305 Datasheet (HTML) - PHOENIX CONTACT


1407305 Product details

Sensor/actuator cable, 3-position, PE-X halogen-free, black, shielded, free cable end, on Socket
straight M12 SPEEDCON, coding: A, cable length: 10 m, For railway applications

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Securely locked by special vibration brake
• Resistant to temperature influences – tested for an extended temperature range and for resistance to temperature shocks
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1407305

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1407300 TURCK-1407300 Datasheet
257Kb / 2P
Inductive Sensor – Ring Sensor
11/07/2023
logo
PHOENIX CONTACT
1407303 PHOENIX-1407303 Datasheet
983Kb / 36P
SAC-3P- 2,0-28R/FS SCO RAIL - Sensor/actuator cable
1407306 PHOENIX-1407306 Datasheet
986Kb / 36P
SAC-3P- 2,0-28R/FR SCO RAIL - Sensor/actuator cable
1407307 PHOENIX-1407307 Datasheet
987Kb / 36P
SAC-3P- 5,0-28R/FR SCO RAIL - Sensor/actuator cable
1407309 PHOENIX-1407309 Datasheet
711Kb / 24P
SAC-3P-MS/ 2,0-28R/FS SCO RAIL - Sensor/actuator cable
More results


Similar Description - 1407305

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407790 PHOENIX-1407790 Datasheet
137Kb / 10P
Sensor/Actuator cable - SAC-5P-10,0-PUR/FS SH SCO
1417881 PHOENIX-1417881 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P-MS/10,0-542/ FS SCO BK
1417903 PHOENIX-1417903 Datasheet
108Kb / 5P
Sensor/Actuator cable - SAC-5P-MS/10,0-542/ FS SCO BK
1407312 PHOENIX-1407312 Datasheet
270Kb / 23P
Sensor/actuator cable - SAC-4P-MS/ 5,0-28R SCO RAIL
09/11/2020
1407314 PHOENIX-1407314 Datasheet
276Kb / 24P
Sensor/actuator cable - SAC-4P-MR/ 2,0-28R SCO RAIL
09/11/2020
1407325 PHOENIX-1407325 Datasheet
271Kb / 23P
Sensor/actuator cable - SAC-5P-MS/ 2,0-28R SCO RAIL
09/11/2020
1407337 PHOENIX-1407337 Datasheet
219Kb / 16P
Sensor/actuator cable - SAC-5P-MS/ 2,0-28R/FS SCO RAIL
09/11/2020
1424958 PHOENIX-1424958 Datasheet
133Kb / 9P
Sensor/actuator cable - SAC-5P-10,0-547/FS SCO BK
09/11/2020
1425111 PHOENIX-1425111 Datasheet
147Kb / 10P
Sensor/actuator cable - SAC-3P-MS/10,0-547/FS SCO BK
09/11/2020
1555664 PHOENIX-1555664 Datasheet
112Kb / 8P
Sensor/actuator cable - SAC-4P-10,0-186/FS SCO
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com