Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9704PW/Q900 Datasheet (PDF) - NXP Semiconductors

PCA9704PW/Q900 Datasheet PDF - NXP Semiconductors
Part # PCA9704PW/Q900
Download  PCA9704PW/Q900 Download
File Size   510.17 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 18 V tolerant SPI 8-bit GPI with maskable INT

PCA9704PW/Q900 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9704PW/Q900 Datasheet PDF - NXP Semiconductors

Part # PCA9704PW/Q900
Download  PCA9704PW/Q900 Click to download

File Size   510.17 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 18 V tolerant SPI 8-bit GPI with maskable INT

PCA9704PW/Q900 Datasheet (HTML) - NXP Semiconductors


PCA9704PW/Q900 Product details

General description
The PCA9704 is a low power 18 V tolerant SPI General Purpose Input (GPI) shift register
designed to monitor the status of switch inputs. It generates an interrupt when one or
more of the switch inputs change state but allows selected inputs to not generate
interrupts using the interrupt masking feature. The input level is recognized as a HIGH
when it is greater than 0.8  VDD and as a LOW when it is less than 0.55  VDD (minimum
LOW threshold of 2.5 V at 5 V node). The PCA9704 can monitor up to 8 switch inputs.
The falling edge of the CS pin samples the input port status and clears the interrupt. When
CS is LOW, the rising edge of the SCLK loads the shift register and shifts the value out of
the shift register. The serial input is sampled on the falling edge of SCLK. The contents of
the shift register are loaded into the interrupt mask register of the device on the rising
edge of CS.
Each of the input ports has a 18 V breakdown ESD protection circuit, which dumps the
ESD/overvoltage current to ground. When used with a series resistor (minimum 100 k),
the input can connect to a 12 V battery and support double battery, reverse battery, 27 V
jump start and 40 V load dump conditions in automotive applications. Higher voltages can
be tolerated on the inputs depending on the series resistor used to limit the input current.
The INT_EN pin is used to both enable the GPI pins and to enable the INT output pin to
minimize battery drain in cyclically supplied pull-up or pull-down applications. The SDIN
pull-down prevents floating nodes when the device is used in daisy-chain applications.
With both the high breakdown voltage and high ESD, this device is useful for both
automotive (AEC-Q100 compliance available) and mobile applications.

Features and benefits
 8 general purpose input ports
 18 V tolerant input ports with 100 k external series resistor
 Input LOW threshold 0.55  VDD with minimum of 2.5 V at VDD = 4.5 V
 Open-drain interrupt output
 Interrupt enable pin (INT_EN) disables GPI pins and interrupt output
 Interrupt-masking feature allows no interrupt generation from selected inputs
 VDD range: 4.5 V to 5.5 V
 IDD is very low 2.5 A maximum
 SPI serial interface with speeds up to 5 MHz
 SPI supports daisy-chain connection for large switch numbers
 AEC-Q100 compliance available




Similar Part No. - PCA9704PW/Q900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9701 NXP-PCA9701 Datasheet
164Kb / 28P
18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 03-3 December 2008
PCA9701 NXP-PCA9701 Datasheet
461Kb / 28P
18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 05-11 November 2009
PCA9701D NXP-PCA9701D Datasheet
164Kb / 28P
18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 03-3 December 2008
PCA9701D NXP-PCA9701D Datasheet
461Kb / 28P
18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 05-11 November 2009
PCA9701HF NXP-PCA9701HF Datasheet
164Kb / 28P
18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 03-3 December 2008
More results


Similar Description - PCA9704PW/Q900

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16601FT TOSHIBA-TC74VCX16601FT_07 Datasheet
230Kb / 13P
Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16835FT TOSHIBA-TC74VCX16835FT_07 Datasheet
233Kb / 14P
Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16843FT TOSHIBA-TC74VCX16843FT_07 Datasheet
221Kb / 12P
Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162834FT TOSHIBA-TC74VCX162834FT_07 Datasheet
227Kb / 12P
Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT_07 Datasheet
238Kb / 14P
Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
logo
NXP Semiconductors
PCA9702 NXP-PCA9702 Datasheet
164Kb / 28P
18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 03-3 December 2008
PCA9701 NXP-PCA9701_09 Datasheet
461Kb / 28P
18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 05-11 November 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com