Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL534 Datasheet (PDF) - XLSEMI

XL534 Datasheet PDF - XLSEMI
Part # XL534
Download  XL534 Download
File Size   700.79 Kbytes
Page   8 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description Latching Hall Switch Sensor

XL534 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL534 Datasheet PDF - XLSEMI

Part # XL534
Download  XL534 Click to download

File Size   700.79 Kbytes
Page   8 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description Latching Hall Switch Sensor

XL534 Datasheet (HTML) - XLSEMI


XL534 Product details

Features
 Wide Operating Voltage Range:3.3V~80V
 Low Quiescent Current : 1.5mA
 Device HBM ESD Classification Level
Class3B
 Reverse Supply Protection
 Excellent Magnetic Field Symmetry
 40mA Load Capacity
 SOT23-3 package
 Magnetic Field Operate Point : 80Gs
 Magnetic Field Release Point : -80Gs

Applications
 Power Tools
 Flow Meters
 Valve and Solenoid Status
 Brushless DC Motors
 Tachometers

General Description
The XL534 is a latching Hall switch sensor
that optimized for wide voltage, low quiescent
current and wide temperature range. XL534
supports a power supply voltage of up to
85V and provide a load capacity of up to
40mA. Widely used in automotive electronics,
industrial control and other applications.
Adopting a collector open circuit output
architecture, it has strong resistance to
electromagnetic interference.
The XL534 integrates a reference voltage
source, temperature compensation, Hall
array, differential comparator, hysteresis
latch, and power output stage, providing high
magnetic field response sensitivity,
symmetry, and strong immunity to
electromagnetic interference over the full
voltage range and full temperature range.




Similar Part No. - XL534

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
XL3F0215ST10IW-XNH ASHCROFT-XL3F0215ST10IW-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
XL3F0215ST10IWL-XNH ASHCROFT-XL3F0215ST10IWL-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
XL3F0215ST15IW-XNH ASHCROFT-XL3F0215ST15IW-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
XL3F0215ST1IW-XNH ASHCROFT-XL3F0215ST1IW-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
XL3F0215ST1IWL-XNH ASHCROFT-XL3F0215ST1IWL-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
More results


Similar Description - XL534

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
65017 MICROPAC-65017 Datasheet
145Kb / 2P
HIGH RELIABILITY HALL EFFECT SENSOR LATCHING OUTPUT
logo
Honeywell Solid State E...
SS361CT HONEYWELL-SS361CT Datasheet
388Kb / 4P
High Sensitivity Bipolar Latching,Hall-Effect Digital Sensor ICs
logo
Nanjing Ouzhuo Technolo...
OH1881 OHHALLSENSOR-OH1881 Datasheet
153Kb / 2P
Hall effect Latching IC
logo
Texas Instruments
DRV5023 TI-DRV5023_15 Datasheet
963Kb / 26P
DRV5023 Digital-Switch Hall Effect Sensor
DRV5023 TI1-DRV5023_16 Datasheet
1Mb / 28P
Digital-Switch Hall Effect Sensor
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
Automotive Digital-Switch Hall Effect Sensor
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
Digital-Omnipolar-Switch Hall Effect Sensor
logo
Standex Electronics, In...
MFM7-DHS1-5KCD4 STANDEX-MFM7-DHS1-5KCD4 Datasheet
632Kb / 3P
Dual Output Hall Switch Sensor
Rev BBD
S12-DHS1-5KSA5 STANDEX-S12-DHS1-5KSA5 Datasheet
625Kb / 3P
Dual Output Hall Switch Sensor
Rev BCD
S63B-DHS1-5KCB2A STANDEX-S63B-DHS1-5KCB2A Datasheet
590Kb / 3P
Dual Output Hall Switch Sensor
Rev BCB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com