Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL561 Datasheet (PDF) - XLSEMI

XL561 Datasheet PDF - XLSEMI
Part # XL561
Download  XL561 Download
File Size   470.16 Kbytes
Page   8 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description Omnipolar Hall Switch Sensor

XL561 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL561 Datasheet PDF - XLSEMI

Part # XL561
Download  XL561 Click to download

File Size   470.16 Kbytes
Page   8 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description Omnipolar Hall Switch Sensor

XL561 Datasheet (HTML) - XLSEMI


XL561 Product details

Features
 Wide Operating Voltage Range:3.3V~45V
 Low Quiescent Current : 2.5mA
 Device HBM ESD Classification Level
Class3B
 Reverse Supply Protection
 50mA Load Capacity
 TO92S-3 package
 Magnetic Field Operate Point : ±75Gs
 Magnetic Field Release Point : ±35Gs

Applications
 Power tools
 Flow sensors
 Valve and solenoid status
 Brushless DC motor position sensors
 Tachometers

General Description
The XL561 is an omnipolar Hall switch sensor
that optimized for wide voltage, low quiescent
current and wide temperature range. XL561
supports a power supply voltage of up to
50V and provide a load capacity of up to
50mA. Widely used in automotive electronics,
industrial control and other applications.
Adopting a collector open circuit output
architecture, it has strong resistance to
electromagnetic interference.
The XL561 integrates a reference voltage
source, temperature compensation, Hall
array, differential comparator, hysteresis
latch, and power output stage, providing high
magnetic field consistency, and strong
immunity to electromagnetic interference
over the full voltage range and full
temperature range.




Similar Part No. - XL561

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
XL3F0215ST10IW-XNH ASHCROFT-XL3F0215ST10IW-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
XL3F0215ST10IWL-XNH ASHCROFT-XL3F0215ST10IWL-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
XL3F0215ST15IW-XNH ASHCROFT-XL3F0215ST15IW-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
XL3F0215ST1IW-XNH ASHCROFT-XL3F0215ST1IW-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
XL3F0215ST1IWL-XNH ASHCROFT-XL3F0215ST1IWL-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
More results


Similar Description - XL561

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180 DIODES-AH180 Datasheet
148Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
Rev 1
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
logo
Texas Instruments
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033-Q1 TI1-DRV5033-Q1 Datasheet
1Mb / 27P
Automotive Digital-Omnipolar-Switch Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90248 MELEXIS-MLX90248_12 Datasheet
525Kb / 11P
Micropower & Omnipolar Hall Switch
logo
NANJING AH ELECTRONICS ...
AH3661 AHNJ-AH3661 Datasheet
680Kb / 8P
Micropower Omnipolar Hall Sensor
AH3663 AHNJ-AH3663 Datasheet
643Kb / 8P
Micropower Omnipolar Hall Sensor
logo
Melexis Microelectronic...
MLX90248 MELEXIS-MLX90248_18 Datasheet
1Mb / 11P
Micropower & Omnipolar Hall Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com