Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL591 Datasheet (PDF) - XLSEMI

XL591 Datasheet PDF - XLSEMI
Part # XL591
Download  XL591 Download
File Size   282.76 Kbytes
Page   6 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description Linear Hall Sensor

XL591 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL591 Datasheet PDF - XLSEMI

Part # XL591
Download  XL591 Click to download

File Size   282.76 Kbytes
Page   6 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description Linear Hall Sensor

XL591 Datasheet (HTML) - XLSEMI


XL591 Product details

Features
 Wide Operating Voltage Range:3V~8V
 Low noise output without external
capacitor filtering
 Linearity ±5%
 Temperature Grade 1: -40℃ to 125℃
Ambient Operating Temperature Range
 Device HBM ESD Classification Level
Class3B
 TO92S-3 package

Applications
 Potential Control
 Precise Position Detection
 Game Handle
 Flow Meter

General Description
The XL591 is a linear Hall sensor optimized
for wide voltage and temperature ranges,
with an output voltage that varies
proportionally to the supply voltage, and
proportional to the strength of the magnetic
field it senses. the XL591's output voltage
without magnetic field defaults to half of the
supply voltage, the chip's typical operating
voltage is 5.0V, with an ultimate withstand
voltage of up to 50V, and a typical value of
sensitivity of 2.4mV/Gs. The operating
temperature range supports -40℃~125℃. It
is widely used in consumer and industrial
control applications.
The XL591 integrates high precision current
source, temperature compensation module,
Hall array, amplifier, driver module and other
circuit modules, which provides high linearity
and strong immunity to electromagnetic
interference over the full voltage range and
full temperature range.




Similar Part No. - XL591

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
XL3F0215ST10IW-XNH ASHCROFT-XL3F0215ST10IW-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
XL3F0215ST10IWL-XNH ASHCROFT-XL3F0215ST10IWL-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
XL3F0215ST15IW-XNH ASHCROFT-XL3F0215ST15IW-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
XL3F0215ST1IW-XNH ASHCROFT-XL3F0215ST1IW-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
XL3F0215ST1IWL-XNH ASHCROFT-XL3F0215ST1IWL-XNH Datasheet
387Kb / 4P
XLdp Ultra-Low Differential Pressure Transducer
RevD_10-24-22
More results


Similar Description - XL591

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
logo
Infineon Technologies A...
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
Programmable Linear Hall Sensor
V 1.0, July 2008
logo
NANJING AH ELECTRONICS ...
AH49E AHNJ-AH49E Datasheet
677Kb / 8P
Linear Hall Sensor
AH496B AHNJ-AH496B Datasheet
673Kb / 8P
Linear Hall Sensor
AH3505 AHNJ-AH3505 Datasheet
684Kb / 8P
Linear Hall Sensor
AH3507 AHNJ-AH3507 Datasheet
692Kb / 8P
Linear Hall Sensor
AH3509 AHNJ-AH3509 Datasheet
738Kb / 8P
Linear Hall Sensor
AH3511 AHNJ-AH3511 Datasheet
717Kb / 8P
Linear Hall Sensor AH3511
logo
JOY-IT
KY-024 JOY-IT-KY-024 Datasheet
229Kb / 7P
Linear magnetic Hall Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com