Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1224-02 Datasheet (PDF) - Advanced Power Technology

SD1224-02 Datasheet PDF - Advanced Power Technology
Part # SD1224-02
Download  SD1224-02 Download
File Size   177.8 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS VHF FM APPLICATIONS

SD1224-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1224-02 Datasheet PDF - Advanced Power Technology

Part # SD1224-02
Download  SD1224-02 Click to download

File Size   177.8 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS VHF FM APPLICATIONS

SD1224-02 Datasheet (HTML) - Advanced Power Technology


SD1224-02 Product details

DESCRIPTION:

The SD1224-02 is an epitaxial silicon NPN planar transistor designed primarily for 28 V FM Class C RF amplifiers utilized in ground station transmitters. This device utilizes ballasted emitter resistors and improved metallization systems to achieve optimum load mismatch capability.



Features

• 175 MHz

• 28 VOLTS

• CLASS C

• COMMON EMITTER

• EFFICIENCY 60% MIN.

• POUT = 40 W MIN.

• GP = 7.6 dB GAIN



 




Similar Part No. - SD1224-02

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD1224-02 MICROSEMI-SD1224-02 Datasheet
135Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF FM APPLICATIONS
More results


Similar Description - SD1224-02

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1329 ADPOW-MS1329 Datasheet
192Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM APPLICATIONS
SD1013 ADPOW-SD1013 Datasheet
113Kb / 4P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
MS1504 ADPOW-MS1504 Datasheet
97Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1018 ADPOW-SD1018 Datasheet
89Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
SD1019 ADPOW-SD1019 Datasheet
212Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF APPLICATIONS
SD1143 ADPOW-SD1143 Datasheet
117Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1127 ADPOW-SD1127 Datasheet
72Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
Microsemi Corporation
SD1018-06 MICROSEMI-SD1018-06 Datasheet
108Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
SD1019 MICROSEMI-SD1019_1 Datasheet
113Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF APPLICATIONS
SD1224-02 MICROSEMI-SD1224-02 Datasheet
135Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF FM APPLICATIONS
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com