Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM90-27141 Datasheet (PDF) - Bi technologies

HM90-27141 Datasheet PDF - Bi technologies
Part # HM90-27141
Download  HM90-27141 Download
File Size   289.75 Kbytes
Page   2 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description Surface Mount Planar Transformers

HM90-27141 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM90-27141 Datasheet PDF - Bi technologies

Part # HM90-27141
Download  HM90-27141 Click to download

File Size   289.75 Kbytes
Page   2 Pages
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies
Description Surface Mount Planar Transformers

HM90-27141 Datasheet (HTML) - Bi technologies


HM90-27141 Product details

• Operating Temperature Range -25°C to +125°C

• Ambient Temperature, Maximum 85°C




Similar Part No. - HM90-27141

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM90-27141 ETC1-HM90-27141 Datasheet
287Kb / 2P
Surface Mount Planar Transformers
HM90-27141TR ETC1-HM90-27141TR Datasheet
287Kb / 2P
Surface Mount Planar Transformers
More results


Similar Description - HM90-27141

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM90 ETC1-HM90 Datasheet
287Kb / 2P
Surface Mount Planar Transformers
logo
ECM Electronics Limited...
EPC19-12 ECM-EPC19-12 Datasheet
110Kb / 1P
Surface Mount HV Transformers
logo
Rhombus Industries Inc.
T-948 RHOMBUS-IND-T-948 Datasheet
57Kb / 1P
Surface Mount Balun Transformers
logo
XFMRS Inc.
XF0013B45 XFMRS-XF0013B45_11 Datasheet
81Kb / 1P
Surface Mount Transformers
1006 XFMRS-1006 Datasheet
188Kb / 2P
SURFACE MOUNT TRANSFORMERS
1006 XFMRS-1006_15 Datasheet
188Kb / 2P
SURFACE MOUNT TRANSFORMERS
X03061SM XFMRS-X03061SM Datasheet
72Kb / 1P
Surface Mount Transformers
logo
Vishay Siliconix
LPE-3325 VISHAY-LPE-3325_17 Datasheet
103Kb / 3P
Surface Mount Transformers/Inductors
24-Feb-11
logo
Dongguan Mentech Optica...
TPEIR25-0179SG MNC-TPEIR25-0179SG Datasheet
262Kb / 1P
PLANAR TRANSFORMERS
logo
Bourns Electronic Solut...
PLN BOURNS-PLN Datasheet
859Kb / 4P
Planar Transformers
Mar 31, 2015
More results




About Bi technologies


BI Technologies, now known as TT Electronics, is a company that specializes in the design and manufacture of a wide range of electronic components and systems. The company was founded in 1965 and is based in the United Kingdom, with operations around the world.

BI Technologies offers a broad range of products, including resistors, capacitors, magnetics, and sensors, which are used in a variety of industries, including aerospace, defense, medical, and industrial markets. The company's products are known for their quality, reliability, and performance, and are used in a range of applications, including power management, control systems, and signal conditioning.

In addition to its product offerings, BI Technologies also provides design and manufacturing services, including custom product design, prototyping, and testing. The company has a strong focus on research and development, and is committed to providing innovative solutions that meet the evolving needs of its customers.

In 2017, BI Technologies was acquired by TT Electronics, a global provider of engineered electronics for performance-critical applications. Today, BI Technologies continues to operate as a division of TT Electronics, providing a wide range of high-quality electronic components and systems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com