Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA38740A Datasheet (PDF) - Infineon Technologies AG

TDA38740A Datasheet PDF - Infineon Technologies AG
Part # TDA38740A
Download  TDA38740A Download
File Size   2482.75 Kbytes
Page   69 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 40A/25A Single-voltage Synchronous Buck Regulator with PMBus

TDA38740A Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA38740A Datasheet PDF - Infineon Technologies AG

Part # TDA38740A
Download  TDA38740A Click to download

File Size   2482.75 Kbytes
Page   69 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 40A/25A Single-voltage Synchronous Buck Regulator with PMBus

TDA38740A Datasheet (HTML) - Infineon Technologies AG


TDA38740A Product details

Features
• Single 4.5 V to 17 V application or Wide Input Voltage Range from 3.0 V to 17 V with external Vcc
• Output Voltage Range: 0.25 V to 5.12 V based on Output Feedback resistor divider network
• Enhanced Fast COT Engine Stable with Ceramic output Capacitors without External Compensation
• Optional Forced Continuous Conduction Mode and Diode Emulation for Enhanced Light Load Efficiency
• Pin programmable Output Voltage, Switching Frequency/mode selection with 16 unique selectable settings
• Programmable Switching Frequency from 400 kHz to 2 MHz in steps of 200 kHz, excluding 1600 kHz
• Monotonic Start-Up with Selectable Soft-Start Time through PMBus commands & Pre-Bias Start-Up
• Thermally Compensated Internal Over Current Protection with Eight Selectable Settings
• Enable input with Voltage Monitoring Capability & Power Good Output
• PMBus system interface for reporting of Temperature, Voltage, Current, & Power telemetry
• Multiple Time Programming (MTP) with up to 14 writes for the USER section
• Digitally programmable load-line without any external components
• Operating temp: -40 °C < Tj < 125 °C
• Small Size: 5 mm x 6 mm PQFN
• Lead-free, Halogen-free and RoHS2 Compliant with Exemption 7a




Similar Part No. - TDA38740A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA38740AABBAUMA1 INFINEON-TDA38740AABBAUMA1 Datasheet
1Mb / 67P
40/25A Single-voltage Synchronous Buck Regulator with PMBus Quality Requirement Category: Industrial
V2.2 2022-03-05
More results


Similar Description - TDA38740A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR38060M IRF-IR38060M_15 Datasheet
151Kb / 2P
Highly Integrated 6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
IR38063M IRF-IR38063M_15 Datasheet
558Kb / 2P
Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
logo
Infineon Technologies A...
IR38060 INFINEON-IR38060_16 Datasheet
3Mb / 66P
6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.5 Feb 11, 2016
IR38063 INFINEON-IR38063 Datasheet
4Mb / 68P
25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.8 May 26, 2016
IR38062 INFINEON-IR38062 Datasheet
4Mb / 68P
15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.8 May 26, 2016
IR38060 INFINEON-IR38060 Datasheet
3Mb / 66P
6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 May 26, 2016
IR38060 INFINEON-IR38060_18 Datasheet
3Mb / 70P
6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.16 Jun 25, 2018
IR38062 INFINEON-IR38062_18 Datasheet
3Mb / 72P
15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.14 Mar 14, 2018
TDA38740 INFINEON-TDA38740 Datasheet
1Mb / 67P
40/25A Single-voltage Synchronous Buck Regulator with PMBus Quality Requirement Category: Industrial
V2.2 2022-03-05
IR38064 INFINEON-IR38064 Datasheet
3Mb / 73P
35A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 Mar 14, 2018
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com