Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLF4477-3LA Datasheet (PDF) - Infineon Technologies AG

TLF4477-3LA Datasheet PDF - Infineon Technologies AG
Part # TLF4477-3LA
Download  TLF4477-3LA Download
File Size   1726.77 Kbytes
Page   30 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Dual-channel low dropout linear voltage regulator

TLF4477-3LA Datasheet (PDF)

Go To PDF Page Download Datasheet
TLF4477-3LA Datasheet PDF - Infineon Technologies AG

Part # TLF4477-3LA
Download  TLF4477-3LA Click to download

File Size   1726.77 Kbytes
Page   30 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Dual-channel low dropout linear voltage regulator

TLF4477-3LA Datasheet (HTML) - Infineon Technologies AG


TLF4477-3LA Product details

Features
• Integrated current monitor
• Overvoltage, overtemperature, and overcurrent detection
• Adjustable output voltage
• Output current of up to 300 mA
• Adjustable output current limitation
• Very low current consumption
• Very low dropout voltage
• Stable with ceramic output capacitor of 1 μF
• Wide input voltage range of up to 40 V
• Reverse current protection
• Reverse polarity protection
• Short circuit protection
• Overtemperature shutdown
• Automotive temperature range -40°C ≤ Tj ≤ 150°C
• Green Product (RoHS-compliant)




Similar Part No. - TLF4477-3LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF4277 INFINEON-TLF4277 Datasheet
183Kb / 2P
active antenna supply
Rev. 1.0, May 2009
TLF4277 INFINEON-TLF4277 Datasheet
335Kb / 9P
TRENCHSTOPTM IGBT4 Low Power Chip
Rev. 2.1, 20.08.2015
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLF4277-2EL INFINEON-TLF4277-2EL Datasheet
32Kb / 1P
Material Content Data Sheet
16. September 2015
TLF4277-2EL INFINEON-TLF4277-2EL_15 Datasheet
32Kb / 1P
Material Content Data Sheet
16. September 2015
More results


Similar Description - TLF4477-3LA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537 Datasheet
355Kb / 16P
Dual Channel 300mA Low Dropout Linear Regulator
logo
Infineon Technologies A...
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
logo
Anpec Electronics Corop...
APL5537 ANPEC-APL5537_11 Datasheet
354Kb / 16P
Dual Channel 300mA Low Dropout Linear Regulator
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
Dual, Low-Dropout Linear Regulator
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
DUAL LOW - DROPOUT LINEAR REGULATOR
logo
Infineon Technologies A...
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com