Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3740-00 Datasheet (PDF) - Vicor Corporation

PI3740-00 Datasheet PDF - Vicor Corporation
Part # PI3740-00_V01
Download  PI3740-00 Download
File Size   6250.28 Kbytes
Page   49 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 8V – 60VIN , 10V – 50VOUT , 50 – 140W ZVS Buck-Boost Regulator

PI3740-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3740-00 Datasheet PDF - Vicor Corporation

Part # PI3740-00_V01
Download  PI3740-00 Click to download

File Size   6250.28 Kbytes
Page   49 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 8V – 60VIN , 10V – 50VOUT , 50 – 140W ZVS Buck-Boost Regulator

PI3740-00 Datasheet (HTML) - Vicor Corporation


PI3740-00 Product details

Product Description
The PI3740-00 is a high-efficiency, wide input and output
range DC-DC ZVS Buck-Boost Regulator. This high-density
System‑in‑Package (SiP) integrates controller, power switches,
and support components. The integration of a high-performance
Zero‑Voltage Switching (ZVS) topology within the PI3740-00
increases point-of-load performance, providing best-in-class
power efficiency.
The PI3740-00 requires an external inductor, resistive divider and
minimal capacitors to form a complete DC-DC switching mode
buck-boost regulator.
The ZVS architecture also enables high-frequency operation while
minimizing switching losses and maximizing efficiency. The high
switching frequency operation reduces the size of the external
filtering components, improves power density and enables fast
dynamic response to line and load transients.

Features & Benefits
• Up to 96% efficiency
• 50 – 140W continuous output power
• Parallel-capable with single-wire current sharing
• External frequency synchronization / interleaving
• High-side current sense amplifier
• General-purpose amplifier
• Lighting / constant current mode (LGH)
• Input over / undervoltage lockout (OVLO / UVLO)
• Output overvoltage protection (OVP)
• Overtemperature protection (OTP)
• Fast and slow current limits
• –40 to 115°C operating range (TJ), -LGIZ
• –55 to 115°C operating range (TJ), -LGMZ
• Excellent light-load efficiency
Applications
• Battery Charging and Conditioning, Telecom,
Networking, Lighting
• Computing, Communications, Industrial,
Automotive Accessories
• 12, 24, 48 and 60V DC–DC Applications




Similar Part No. - PI3740-00_V01

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3740-00-BGIZ VICOR-PI3740-00-BGIZ Datasheet
2Mb / 51P
8V ??60VIN , 10V ??50VOUT , 50 ??140W Cool-Power ZVS Buck-Boost Regulator
PI3740-00-LGIZ VICOR-PI3740-00-LGIZ Datasheet
2Mb / 51P
8V ??60VIN , 10V ??50VOUT , 50 ??140W Cool-Power ZVS Buck-Boost Regulator
PI3740-00-XGIZ VICOR-PI3740-00-XGIZ Datasheet
2Mb / 51P
8V ??60VIN , 10V ??50VOUT , 50 ??140W Cool-Power ZVS Buck-Boost Regulator
PI3740-00 VICOR-PI3740-00_18 Datasheet
2Mb / 51P
8V ??60VIN , 10V ??50VOUT , 50 ??140W Cool-Power ZVS Buck-Boost Regulator
More results


Similar Description - PI3740-00_V01

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3741-0X VICOR-PI3741-0X Datasheet
979Kb / 38P
21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PI352X-00 VICOR-PI352X-00 Datasheet
1Mb / 34P
30VIN to 60VIN Cool-Power ZVS Buck Regulator
PI352X-00 VICOR-PI352X-00_18 Datasheet
1Mb / 41P
30 ??60VIN Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
8V to 36VIN Cool-Power ZVS Buck Regulator
PI3753-00 VICOR-PI3753-00 Datasheet
149Kb / 3P
38 ??60VIN, 360W Cool-Power ZVS Buck-Boost Regulator
PI3755-01 VICOR-PI3755-01 Datasheet
116Kb / 3P
38V to 60VIN, 160W Cool-Power ZVS Buck-Boost Regulator
PI3740-00 VICOR-PI3740-00_18 Datasheet
2Mb / 51P
8V ??60VIN , 10V ??50VOUT , 50 ??140W Cool-Power ZVS Buck-Boost Regulator
PI3741-0X VICOR-PI3741-0X_18 Datasheet
968Kb / 39P
21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PI3751-00 VICOR-PI3751-00 Datasheet
147Kb / 3P
38 ??60VIN, 200W Cool-Power ZVS Buck-Boost Regulator
PI358X-00 VICOR-PI358X-00 Datasheet
1Mb / 45P
30 ??60VIN Cool-Power ZVS Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com