Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2V7002L Datasheet (PDF) - ON Semiconductor

2V7002L Datasheet PDF - ON Semiconductor
Part # 2V7002L
Download  2V7002L Download
File Size   265.3 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – N-Channel, Small Signal, SOT-23 60 V, 115 mA

2V7002L Datasheet (PDF)

Go To PDF Page Download Datasheet
2V7002L Datasheet PDF - ON Semiconductor

Part # 2V7002L
Download  2V7002L Click to download

File Size   265.3 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – N-Channel, Small Signal, SOT-23 60 V, 115 mA

2V7002L Datasheet (HTML) - ON Semiconductor


2V7002L Product details

Features
• 2V Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable (2V7002L)
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - 2V7002L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2V7002L ONSEMI-2V7002L Datasheet
100Kb / 4P
Small Signal MOSFET 60 V, 115 mA, N.Channel SOT.23
May, 2012 ??Rev. 6
2V7002LT1G ONSEMI-2V7002LT1G Datasheet
100Kb / 4P
Small Signal MOSFET 60 V, 115 mA, N.Channel SOT.23
May, 2012 ??Rev. 6
2V7002LT1G ONSEMI-2V7002LT1G Datasheet
64Kb / 4P
Small Signal MOSFET
October, 2016 ??Rev. 8
2V7002LT3G ONSEMI-2V7002LT3G Datasheet
100Kb / 4P
Small Signal MOSFET 60 V, 115 mA, N.Channel SOT.23
May, 2012 ??Rev. 6
2V7002LT3G ONSEMI-2V7002LT3G Datasheet
64Kb / 4P
Small Signal MOSFET
October, 2016 ??Rev. 8
More results


Similar Description - 2V7002L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N7002L ONSEMI-2N7002L Datasheet
58Kb / 4P
Small Signal MOSFET 60 V, 115 mA, N-Channel SOT-23
July, 2004 ??Rev. 2
logo
Leshan Radio Company
L2N7002WT1G LRC-L2N7002WT1G Datasheet
279Kb / 7P
Small Signal MOSFET 115 mA, 60 V N-Channel SOT-323
logo
ON Semiconductor
MMBF170LT1 ONSEMI-MMBF170LT1_08 Datasheet
82Kb / 5P
Power MOSFET 500 mA, 60 V N-Channel SOT-23
April, 2008 - Rev. 6
logo
WILLAS ELECTRONIC CORP
2N7002LT1 WILLAS-2N7002LT1 Datasheet
299Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SOT??3
logo
ON Semiconductor
2N7002E ONSEMI-2N7002E_11 Datasheet
100Kb / 5P
Small Signal MOSFET 60 V, 310 mA, Single, N.Channel, SOT.23
February, 2011 ??Rev. 3
2N7002K ONSEMI-2N7002K_12 Datasheet
112Kb / 6P
Small Signal MOSFET 60 V, 380 mA, Single, N.Channel, SOT.23
May, 2012 ??Rev. 10
2N7002L ONSEMI-2N7002L_12 Datasheet
100Kb / 4P
Small Signal MOSFET 60 V, 115 mA, N.Channel SOT.23
May, 2012 ??Rev. 6
logo
WILLAS ELECTRONIC CORP
BSS84WT1 WILLAS-BSS84WT1 Datasheet
309Kb / 4P
Small Signal MOSFET 115 mA, 60 V
logo
Leshan Radio Company
L2N7002LT1G LRC-L2N7002LT1G_11 Datasheet
151Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SOT??3
logo
WILLAS ELECTRONIC CORP
2N7002WT1 WILLAS-2N7002WT1 Datasheet
374Kb / 5P
Small Signal MOSFET 115 mA, 60 V
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com