Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD539 Datasheet (PDF) - Analog Devices

AD539 Datasheet PDF - Analog Devices
Part # AD539
Download  AD539 Download
File Size   368.24 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband Dual-Channel Linear Multiplier/Divider

AD539 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD539 Datasheet PDF - Analog Devices

Part # AD539
Download  AD539 Click to download

File Size   368.24 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband Dual-Channel Linear Multiplier/Divider

AD539 Datasheet (HTML) - Analog Devices


AD539 Product details

FEATURES
2-quadrant multiplication/division
2 independent signal channels
Signal bandwidth of 60 MHz (IOUT)
Linear control channel bandwidth of 5 MHz
Low distortion (to 0.01%)
Fully calibrated, monolithic circuit
APPLICATIONS
Precise high bandwidth AGC and VCA systems
Voltage-controlled filters
Video signal processing
High speed analog division
Automatic signal-leveling
Square-law gain/loss control




Similar Part No. - AD539

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD539 AD-AD539 Datasheet
637Kb / 8P
Wideband Dual-Channel Linear Multiplier/Divider
AD5390 AD-AD5390 Datasheet
1Mb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
4/04-Revision 0
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
1Mb / 44P
8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
4/04-Revision 0
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
766Kb / 28P
32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Jan-2005
More results


Similar Description - AD539

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD539 AD-AD539 Datasheet
637Kb / 8P
Wideband Dual-Channel Linear Multiplier/Divider
logo
Burr-Brown (TI)
MPY100 BURR-BROWN-MPY100 Datasheet
159Kb / 12P
MULTIPLIER-DIVIDER
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
Wideband Four-Quadrant Multiplier
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
MULTIPLIER-DIVIDER
logo
List of Unclassifed Man...
429A ETC1-429A Datasheet
60Kb / 1P
Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
Wideband Linear Four-Quadrant Multiplier
logo
Intronics Power, Inc.
429 INTRONICS-429 Datasheet
162Kb / 1P
Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Analog Devices
AD539 AD-AD539_15 Datasheet
570Kb / 21P
Wideband Dual-Channel Linear Multiplier/Divider
REV. B
logo
Marki Microwave
PD-0426 MARKIMICROWAVE-PD-0426 Datasheet
635Kb / 4P
WIDEBAND WILKINSON POWER DIVIDER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com