Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5018 Datasheet (PDF) - Texas Instruments

LP5018 Datasheet PDF - Texas Instruments
Part # LP5018_V01
Download  LP5018 Download
File Size   2536.91 Kbytes
Page   59 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers

LP5018 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5018 Datasheet PDF - Texas Instruments

Part # LP5018_V01
Download  LP5018 Click to download

File Size   2536.91 Kbytes
Page   59 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers

LP5018 Datasheet (HTML) - Texas Instruments


LP5018 Product details

1 Features
• Operating voltage range:
– VCC range: 2.7V to 5.5V
– EN, SDA, and SCL pins compatible with
1.8V, 3.3V, and 5V power rails
– Output maximum voltage: 6V
• 24 constant-current sinks with high precision
– 25.5mA maximum per channel with VCC in full
range
– 35mA maximum per channel when VCC ≥ 3.3V
– Device-to-device error: ±7%; channel-tochannel
error: ±7%
• Ultralow quiescent current:
– Shutdown mode: 1μA (maximum) with EN low
– Power saving mode: 10μA (typical) with EN
high and all LEDs off for > 30ms
• Integrated 12-bit, 29kHz PWM generator for each
channel:
– Independent color-mixing register per channel
– Independent brightness-control register per
RGB LED module
– Optional logarithmic- or linear-scale brightness
control
– Integrated 3-phase PWM-shifting scheme
• 3 programmable banks (R, G, B) for easy software
control of each color
• 2 external hardware address pins allow connecting
up to 4 devices
• Broadcast slave address allows configuring
multiple devices simultaneously
• Auto-increment allows writing or reading
consecutive registers within one transmission
• Up to 400kHz fast-mode I2C speed

2 Applications
LED lighting, indicator lights, and fun lights for:
• Smart speaker (with voice assistant)
• Smart home appliances
• Video doorbell
• Electronic smart lock
• Smoke and heat detector
• STB and DVR
• Smart router
• Handheld device

3 Description
In smart homes and other applications that use
human-machine-interaction, high-performance RGB
LED drivers are required. LED animation effects
such as flashing, breathing, and chasing greatly
improve user experience, and minimal system noise
is essential.
The LP50xx device is an 18- or 24-channel constant
current sink LED driver. The LP50xx device includes
integrated color mixing and brightness control,
and pre-configuration simplifies the software coding
process. Integrated 12-bit, 29kHz PWM generators for
each channel enable smooth, vivid color for LEDs,
and eliminate audible noise.




Similar Part No. - LP5018_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5018 TI2-LP5018_V01 Datasheet
2Mb / 59P
LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
REVISED JULY 2024
More results


Similar Description - LP5018_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971 TI1-TLC5971_15 Datasheet
1Mb / 45P
12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
LP5018 TI1-LP5018 Datasheet
783Kb / 49P
18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
LP5030 TI1-LP5030 Datasheet
788Kb / 57P
36-, 30-Channel 12-Bit PWM Ultralow Quiescent Current I2C RGB LED Drivers
LP5009 TI1-LP5009 Datasheet
469Kb / 40P
9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V01 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V02 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V03 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
logo
Kinetic Technologies.
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com