Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC240 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN54HC240 Datasheet PDF - Texas Instruments
Part # SN54HC240
Download  SN54HC240 Download
File Size   661.05 Kbytes
Page   15 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4HC240 Octal Buffers and Line Drivers With 3-State Outputs

SN54HC240 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC240 Datasheet PDF - Texas Instruments

Part # SN54HC240
Download  SN54HC240 Click to download

File Size   661.05 Kbytes
Page   15 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4HC240 Octal Buffers and Line Drivers With 3-State Outputs

SN54HC240 Datasheet (HTML) - Texas Instruments


SN54HC240 Product details

1 Features
• Wide operating voltage range of 2V to 6V
• High-current outputs drive up to 15
LSTTL loads
• Low power consumption, 80μA max ICC
• Typical tpd = 9ns
• ±6mA output drive at 5V
• Low input current of 1μA max
• 3-state outputs drive bus lines or buffer memory
address registers

2 Description
These octal buffers and line drivers are designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers, and bus-oriented receivers and transmitters.
The ’HC240 devices are organized as two 4-bit
buffers/drivers with separate output-enable (OE)
inputs. When OE is low, the device passes inverted
data from the A inputs to the Y outputs. When OE is
high, the outputs are in the high-impedance state.




Similar Part No. - SN54HC240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC240 TI-SN54HC240 Datasheet
95Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC240 TI-SN54HC240 Datasheet
682Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI1-SN54HC240 Datasheet
1Mb / 22P
OCTAL BUFFERS AND LINE DRIVERS
SN54HC240FK TI-SN54HC240FK Datasheet
95Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC240J TI-SN54HC240J Datasheet
95Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN54HC240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS240 TI-SN74LS240 Datasheet
936Kb / 28P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_08 Datasheet
635Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540 Datasheet
131Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com