Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC14D Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74AC14D Datasheet PDF - Texas Instruments
Part # SN74AC14D
Download  SN74AC14D Download
File Size   2712.2 Kbytes
Page   38 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4AC14 Hex Schmitt-Trigger Inverters

SN74AC14D Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AC14D Datasheet PDF - Texas Instruments

Part # SN74AC14D
Download  SN74AC14D Click to download

File Size   2712.2 Kbytes
Page   38 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4AC14 Hex Schmitt-Trigger Inverters

SN74AC14D Datasheet (HTML) - Texas Instruments


SN74AC14D Product details

1 Features
• VCC operation of 2V to 6V
• Inputs accept voltages to 6V
• Max tpd of 9.5ns at 5V

2 Applications
• Synchronize inverted clock inputs
• Debounce a switch
• Invert a digital signal

3 Description
These Schmitt-trigger devices contain six independent
inverters.




Similar Part No. - SN74AC14D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC14D TI-SN74AC14D Datasheet
81Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
SN74AC14D TI-SN74AC14D Datasheet
455Kb / 13P
HEX SCHMITT-TRIGGER INVERTERS
SN74AC14D TI-SN74AC14D Datasheet
666Kb / 17P
HEX SCHMITT-TRIGGER INVERTERS
SN74AC14DB TI-SN74AC14DB Datasheet
81Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
SN74AC14DBLE TI-SN74AC14DBLE Datasheet
666Kb / 17P
HEX SCHMITT-TRIGGER INVERTERS
More results


Similar Description - SN74AC14D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
HEX SCHMITT-TRIGGER INVERTERS
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
Hex Schmitt-trigger Inverters
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
HEX SCHMITT-TRIGGER INVERTERS
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
Hex Schmitt-trigger Inverters
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com