Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV76118DCYR Datasheet (PDF) - Texas Instruments

TLV76118DCYR Datasheet PDF - Texas Instruments
Part # TLV76118DCYR
Download  TLV76118DCYR Download
File Size   2110.31 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV761 16V, 1A, Fixed Output Linear Voltage Regulator

TLV76118DCYR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV76118DCYR Datasheet PDF - Texas Instruments

Part # TLV76118DCYR
Download  TLV76118DCYR Click to download

File Size   2110.31 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV761 16V, 1A, Fixed Output Linear Voltage Regulator

TLV76118DCYR Datasheet (HTML) - Texas Instruments


TLV76118DCYR Product details

1 Features
• Pin-compatible with industry-standard LM1117 and
TLV1117 (x1117) devices in select packages
• Input voltage range VIN: 2.5V to 16V (abs max
rating of 20V)
• Output voltage range VOUT:
– 0.8V to 13V (fixed, 100mV steps)
• Output current: Up to 1A
• Low quiescent current IQ:
– 60μA (typical, ~1.5μA in shutdown)
• 1% output accuracy over line, load and
temperature
• High PSRR: 60dB at 1kHz, 40dB at 1MHz
• Internal soft-start time: 500μs (typical)
• Foldback current limiting and thermal protection
• Stable with 1μF ceramic output capacitors
• Temperature range: –40°C to +125°C
• Packages:
– 4-pin, 6.5mm × 7mm SOT-223
– 3-pin, 6.6mm × 10.11mm TO-252 (preview)

2 Applications
• Appliances
• Home theater and entertainment
• Motor drives
• HVAC and building security systems
• Smart meters

3 Description
The TLV761 is a linear voltage regulator that improves
the functionality of a traditional x1117 regulator
(TLV1117 or LM1117) with tighter output accuracy and
low quiescent current (IQ) to lower the standby power
consumption. The TLV761 is pin-to-pin compatible
with other fixed SOT-223, TO-252 regulators.
The TLV761 input voltage range is from 2.5V to 16V
and provides an output voltage range from 0.8V to
13V to support a wide variety of applications.
The wide bandwidth PSRR performance of the
TLV761 is typically greater than 60dB at 1kHz and
40dB at 1MHz, which helps attenuate the switching
frequency of an upstream DC/DC converter and
minimizes post regulator filtering.
Additionally, the TLV761 has an internal soft start
feature to reduce inrush current during start-up,
which can help save space and cost in a design by
minimizing input capacitance. The TLV761 features a
foldback current limit that limits the power dissipation
of the device during high-load current faults or
shorting events.




Similar Part No. - TLV76118DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV76118DCYR TI1-TLV76118DCYR Datasheet
2Mb / 30P
TLV761 16V, 1A, Fixed Output Linear Voltage Regulator
APRIL 2024
More results


Similar Description - TLV76118DCYR

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
1A, 3.3V Fixed Linear Regulator
Rev. 2/18/98
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
April 1, 2012
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Texas Instruments
TLV761 TI1-TLV761 Datasheet
304Kb / 16P
TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
logo
FutureWafer Tech Co.,Lt...
FW78L FUTUREWAFER-FW78L Datasheet
1Mb / 19P
100mA Fixed Output Linear Regulator
22-Jan-2022 V 2.0
logo
Texas Instruments
TLV761 TI-TLV761_V01 Datasheet
362Kb / 15P
TLV761 16-V,1-A, Fixed Output Linear Voltage Regulator
FEBRUARY 2020
TLV761 TI1-TLV761_V02 Datasheet
1Mb / 24P
TLV761 16-V, 1-A, Fixed Output Linear Voltage Regulator
REVISED FEBRUARY 2023
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
Texas Instruments
TLV761 TI-TLV761_V03 Datasheet
1Mb / 24P
TLV761 16-V, 1-A, Fixed Output Linear Voltage Regulator
REVISED FEBRUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com