Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22991 Datasheet (PDF) - Texas Instruments

TPS22991 Datasheet PDF - Texas Instruments
Part # TPS22991
Download  TPS22991 Download
File Size   968.45 Kbytes
Page   23 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS22991 5V, 3A, 25mΩ Load Switch Device With Small Plastic Package

TPS22991 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22991 Datasheet PDF - Texas Instruments

Part # TPS22991
Download  TPS22991 Click to download

File Size   968.45 Kbytes
Page   23 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TPS22991 5V, 3A, 25mΩ Load Switch Device With Small Plastic Package

TPS22991 Datasheet (HTML) - Texas Instruments


TPS22991 Product details

1 Features
• Integrated single channel load switch
• Input voltage range: 1V to 5.5V
• 3A maximum continuous switch current
• 25mΩ typical ON-resistance
• Low quiescent current:
– IQ at 3.3V VIN = 6μA (typ)
• Low shutdown current:
– ISD at 3.3V VIN = 14nA (typ)
• Controlled slew rate:
– Version B, BN: rise time (tR) at 3.3V VIN =
141μs
– Version C, CN: rise time (tR) at 3.3V VIN =
662μs
• Quick output discharge (QOD) of 150Ω
• Thermal shutdown protection
• 0.85 × 0.75mm, 0.4mm pitch UQFN package

2 Applications
• PC and notebooks
• Wearables
• Solid state drive (SSD)
• Industrial PC

3 Description
The TPS22991 is a small, low RON, single channel
load switch with controlled slew rate. The device
contains an N-channel MOSFET that can operate
over an input voltage range of 1.0V to 5.5V and can
support a maximum continuous current of 3A. The
switch is controlled by an on and off input, which is
capable of interfacing directly with low-voltage control
signals.
The small size and low RON makes the device ideal
for being used in space constrained, battery powered
applications. The wide input voltage range of the
switch makes it a versatile solution for many different
voltage rails. The controlled rise time of the device
greatly reduces inrush current caused by large bulk
load capacitances, thereby reducing or eliminating
power supply droop. The TPS22991 further reduces
the total solution size by integrating a 150Ω pulldown
resistor for quick output discharge (QOD) when the
switch is turned off.
The TPS22991 is available in a small, space saving
0.85mm × 0.75mm, 0.4mm pitch, 4-pin UQFN
package. The device is characterized for operation
over the free-air temperature range of –55°C to
+125°C.




Similar Part No. - TPS22991

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22991 TI1-TPS22991 Datasheet
887Kb / 20P
TPS22991 5V, 3A, 25mΩ Load Switch Device With Small Plastic Package
MAY 2024
TPS22991 TI2-TPS22991 Datasheet
1Mb / 25P
TPS22991 5V, 3A, 25mΩ Load Switch Device With Small Plastic Package
REVISED FEBRUARY 2025
TPS22991 TI2-TPS22991 Datasheet
1Mb / 28P
TPS22991 5V, 3A, 25mΩ Load Switch Device With Small Plastic Package
REVISED FEBRUARY 2025
TPS22991B TI2-TPS22991B Datasheet
1Mb / 25P
TPS22991 5V, 3A, 25mΩ Load Switch Device With Small Plastic Package
REVISED FEBRUARY 2025
TPS22991B TI2-TPS22991B Datasheet
1Mb / 28P
TPS22991 5V, 3A, 25mΩ Load Switch Device With Small Plastic Package
REVISED FEBRUARY 2025
More results


Similar Description - TPS22991

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TBD0123 ETC1-TBD0123 Datasheet
120Kb / 1P
5V-3A regulator encapsulated in high-dissipation plastic package
logo
Pericom Semiconductor C...
PI3A212 PERICOM-PI3A212 Datasheet
609Kb / 8P
Small Plastic Package, Dual SPDT Analog Switch
PI3A412ZHEX PERICOM-PI3A412ZHEX Datasheet
342Kb / 10P
Small Plastic Package, Quad SPDT Analog Switch
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
3A High-Side Load Switch
logo
Pericom Semiconductor C...
PI3A223 PERICOM-PI3A223 Datasheet
313Kb / 9P
Small Plastic Package, Dual SPDT Analog Switch
logo
ON Semiconductor
NCP436 ONSEMI-NCP436 Datasheet
100Kb / 7P
3A Ultra-Small Controlled Load Switch
April, 2014 ??Rev. 1
logo
Advanced Power Electron...
APE8988B A-POWER-APE8988B Datasheet
672Kb / 9P
3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Pericom Semiconductor C...
PI3A2268 PERICOM-PI3A2268 Datasheet
319Kb / 9P
Small Plastic Package, Dual SPDT Analog Switch
logo
ON Semiconductor
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
logo
Toshiba Semiconductor
TCK2292XG TOSHIBA-TCK2292XG Datasheet
564Kb / 15P
2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com