Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9062IPWR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV9062IPWR Datasheet PDF - Texas Instruments
Part # TLV9062IPWR
Download  TLV9062IPWR Download
File Size   6891.89 Kbytes
Page   86 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems

TLV9062IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9062IPWR Datasheet PDF - Texas Instruments

Part # TLV9062IPWR
Download  TLV9062IPWR Click to download

File Size   6891.89 Kbytes
Page   86 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV906xS 10MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems

TLV9062IPWR Datasheet (HTML) - Texas Instruments


TLV9062IPWR Product details

1 Features
• Rail-to-rail input and output
• Low input offset voltage: ±0.3mV
• Unity-gain bandwidth: 10MHz
• Low broadband noise: 10nV/√ Hz
• Low input bias current: 0.5pA
• Low quiescent current: 538μA
• Unity-gain stable
• Internal RFI and EMI filter
• Operational at supply voltages as low as 1.8V
• Easier to stabilize with higher capacitive load due
to resistive open-loop output impedance
• Shutdown version: TLV906xS
• Extended temperature range: –40°C to 125°C

2 Applications
• E-bikes
• Smoke detectors
• HVAC: heating, ventilating, and air conditioning
• Motor control: AC induction
• Refrigerators
• Wearable devices
• Laptop computers
• Washing machines
• Sensor signal conditioning
• Power modules
• Barcode scanners
• Active filters
• Low-side current sensing

3 Description
The TLV9061 (single), TLV9062 (dual), and TLV9064
(quad) are single-, dual-, and quad- low-voltage, 1.8V
to 5.5V) operational amplifiers, op amps) with rail-torail
input and output swing capabilities.
These devices are highly cost-effective options for
applications where low-voltage operation, a small
footprint, and high capacitive load drive are required.
Although the capacitive load drive of the TLV906x
is 100pF, the resistive open-loop output impedance
makes stabilizing with higher capacitive loads simpler.
These op amps are designed specifically for lowvoltage
operation (1.8V to 5.5V), with performance
specifications similar to the OPAx316 and TLVx316
devices.
The TLV906xS devices include a shutdown mode that
allow the amplifiers to switch into standby mode with
typical current consumption less than 1μA.
The TLV906xS family helps simplify system design,
because the family is unity-gain stable, integrates the
RFI and EMI rejection filter, and provides no phase
reversal in overdrive condition.
Micro size packages, such as X2SON and X2QFN,
are offered for all the channel variants (single, dual
and quad), along with industry-standard packages,
such as SOIC, MSOP, SOT-23, and TSSOP.




Similar Part No. - TLV9062IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9062IPWR TI1-TLV9062IPWR Datasheet
3Mb / 43P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062IPWR TI1-TLV9062IPWR Datasheet
3Mb / 45P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062IPWR TI1-TLV9062IPWR Datasheet
4Mb / 62P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062IPWR TI1-TLV9062IPWR Datasheet
4Mb / 65P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9062IPWR TI1-TLV9062IPWR Datasheet
4Mb / 63P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results


Similar Description - TLV9062IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9061 TI1-TLV9061_17 Datasheet
1Mb / 30P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_017 TI1-TLV9061_017 Datasheet
3Mb / 41P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_018 TI1-TLV9061_018 Datasheet
3Mb / 45P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_1808 TI1-TLV9061_1808 Datasheet
4Mb / 62P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_180825 TI1-TLV9061_180825 Datasheet
4Mb / 65P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_1810 TI1-TLV9061_1810 Datasheet
4Mb / 63P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_181025 TI1-TLV9061_181025 Datasheet
4Mb / 66P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061_1812 TI1-TLV9061_1812 Datasheet
4Mb / 70P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061 TI1-TLV9061_19 Datasheet
5Mb / 75P
10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV9061 TI1-TLV9061_V01 Datasheet
5Mb / 79P
TLV906xS 10-MHz, RRIO, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com