Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8019E Datasheet (PDF) - Diodes Incorporated

PAM8019E Datasheet PDF - Diodes Incorporated
Part # PAM8019E
Download  PAM8019E Download
File Size   1937.13 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS-AB HEADPHONE DRIVER WITH ADJUSTABLE DC VOLUME CONTROL, NON-CLIP POWER LIMIT AND SSM

PAM8019E Datasheet (PDF)

Go To PDF Page Download Datasheet
PAM8019E Datasheet PDF - Diodes Incorporated

Part # PAM8019E
Download  PAM8019E Click to download

File Size   1937.13 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS-AB HEADPHONE DRIVER WITH ADJUSTABLE DC VOLUME CONTROL, NON-CLIP POWER LIMIT AND SSM

PAM8019E Datasheet (HTML) - Diodes Incorporated


PAM8019E Product details

Description
The PAM8019E is a stereo 4W Class-D audio-power amplifier for
driving bridged-tied speakers and includes a stereo Class-AB
amplifier for driving headphones. With advanced 62 step DC volume
control to minimize external components, PAM8019E is capable of
allowing simple and accurate volume control over the gain range of
+20dB (Volume = 0V) to -60dB (Volume = VDD).
Integrated with spread spectrum modulation (SSM) design for EMI
suppression, the PAM8019E enables the use of inexpensive ferrite
bead filters. The integrated non-clip power limit (PLIM) technology
suppresses output automatically with programmable power limit, while
improving the sound quality and helping to protect the speakers.
The PAM8019E supports speakers open short detection during
startup to protect the whole audio system before normal operation
starts. Protection features also include undervoltage protection, DC
input protection, short-circuit protection on all audio outputs, and
thermal shutdown of the entire system.
The PAM8019E is designed to be pop free for the Class-D amplifier
and headphone driver under all kinds of operating conditions.
The PAM8019E is available in the power-efficient and space-saving
U-QFN4040-20 and U-QFN3030-20 packages

Features
• Operating Voltage: 2.5V to 6.0V
• 4W Stereo Class D with 88mW Class-AB Headphone Driver
• Output Power
- Class-D Amplifier THD+N = 10%
VDD = 5V: RL = 4Ω, PO = 3W; RL = 8Ω, PO = 1.78W
VDD = 5.8V: RL = 4Ω, PO = 4W; RL = 8Ω, PO = 2.34W
- Class-D Amplifier THD+N = 1%
VDD = 5V: RL = 4Ω, PO = 2.41W; RL = 8Ω, PO = 1.44W
VDD = 5.8V: RL = 4Ω, PO = 3.27W; RL = 8Ω, PO = 1.92W
- Class-AB Headphone Amplifier THD+N = 1%
VDD = 5V, RL = 32Ω, PO = 66mW
VDD = 5.8V, RL = 32Ω, PO = 88mW
• 40µVrms Noise of Class-D Amplifier at the max Gain
• 90% Efficiency at VDD = 5V, PO = 3W x 2ch, 4Ω Loading
• 62 Step DC Volume Control with Hysteresis from -60dB to
+20dB
• Non-Clip Power Limit (NCPL) and AGC Function
• Speaker Open Short Detection During Startup
• SSM Help Easily Pass EMI with Simple FB-C
• Thermal and Overcurrent Protection with Auto-Recovery
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/

Applications
• LCD monitors and TVs
• Projectors/all-in-one computers
• Portable/active speakers
• Bone conductive headphones
• DVD players




Similar Part No. - PAM8019E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
Rev 1
PAM8019KGR DIODES-PAM8019KGR Datasheet
776Kb / 12P
3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
Rev 1
More results


Similar Description - PAM8019E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
Power Analog Micoelectr...
PAM8010 PAM-PAM8010 Datasheet
1Mb / 17P
3W Stereo Class-D with DC Volume, Headphone and Power Limit
logo
Anpec Electronics Corop...
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606 Datasheet
551Kb / 27P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Diodes Incorporated
PAM8009 DIODES-PAM8009 Datasheet
665Kb / 12P
3W STEREO CLASS-D Audio Amplifier and Class AB Headphone Driver (DC VOLUME, UVP and AGC Function)
Rev 1
logo
Anpec Electronics Corop...
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2604C ANPEC-APA2604C Datasheet
510Kb / 30P
3W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Diodes Incorporated
PAM8010 DIODES-PAM8010 Datasheet
574Kb / 17P
3W STEREO CLASS-D DC VOLUME, HEADPHONE and POWER LIMIT
Rev 1
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com