Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF4L20AQ Datasheet (PDF) - Diodes Incorporated

SMF4L20AQ Datasheet PDF - Diodes Incorporated
Part # SMF4L20AQ
Download  SMF4L20AQ Download
File Size   496.84 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMF4L20AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF4L20AQ Datasheet PDF - Diodes Incorporated

Part # SMF4L20AQ
Download  SMF4L20AQ Click to download

File Size   496.84 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMF4L20AQ Datasheet (HTML) - Diodes Incorporated


SMF4L20AQ Product details

Features
 400W Peak Pulse Power Dissipation (10µs ×1000µs Waveform)
 5V to 200V Standoff Voltages
 Provides ESD Protection per IEC61000-4-2 Standard:
Air ±30kV, Contact ±30kV
 Excellent Clamping Capability
 Fast Response Time: Typically Less Than 1.0ns for Uni-Direction,
Less Than 5.0ns for Bi-Direction, Form 0 Volts to BV Min.
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The SMF4L5.0(C)AQ - SMF4L200(C)AQ are suitable for
automotive applications requiring specific change control;
these parts are AEC-Q101 qualified, PPAP capable, and
manufactured in IATF 16949 certified facilities

Description and Applications
This new generation TVS is designed for transient overvoltage
protection. The combination of small size and high ESD surge
capability makes it ideal for use in:
 Power Management
 Automotive
 Battery Contacts

Mechanical Data
 Case: DO-219AA
 Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
 Moisture Sensitivity: Level 1 per J-STD-020
 Terminals: Matte Tin Finish Annealed over Copper Alloy
Leadframe. Solderable per MIL-STD-202, Method 208
 Weight: 0.016 grams (Approximate)
 Polarity: Cathode Band Denotes Uni-Directional Device; None
Cathode Band Denotes Bi-Directional Device




Similar Part No. - SMF4L20AQ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMF4L20A LITTELFUSE-SMF4L20A Datasheet
1Mb / 6P
TVS Diodes Surface Mount ??400W
logo
Shenzhen Luguang Electr...
SMF4L20A LUGUANG-SMF4L20A Datasheet
2Mb / 3P
Transient Voltage Suppressors
SMF4L20A LUGUANG-SMF4L20A Datasheet
404Kb / 3P
Transient Voltage Suppressor
SMF4L20A LUGUANG-SMF4L20A Datasheet
404Kb / 3P
Transient Voltage Suppressor
20210428-P1
logo
Bourns Electronic Solut...
SMF4L20A BOURNS-SMF4L20A Datasheet
187Kb / 6P
SMF4L Transient Voltage Suppressor Diode Series
REV. 12/21
More results


Similar Description - SMF4L20AQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 16
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 15
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 16
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 2
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com